Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ACT6308 Datasheet(Fiches technique) 6 Page - Active-Semi, Inc

Numéro de pièce ACT6308
Description  Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo 

   
 6 page
background image
ACT6308
Rev PrB, 20-Feb-08
Innovative Products. Active Solutions.
- 6 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Typical Application Circuit, L = 2.2µH, C1 = 2.2µF ceramic, C2 = 4.7µF ceramic, unless otherwise specified.)
Medium Load Operation for Low ESR COUT
CH1
CH2
CH1: VOUT, 20.0mV/div
CH2: ILX, 200mA/div
TIME: 2.00µs/div
VOUT = 3.3V
VIN = 1.8V
ILOAD = 50mA
CH1
CH2
Heavy Load Operation for Low ESR COUT
CH1: VOUT, 20.0mV/div
CH2: ILX, 200mA/div
TIME: 2.00µs/div
VOUT = 3.3V
VIN = 1.8V
ILOAD = 100mA
Heavy Load Operation for Low ESR COUT
CH1
CH2
CH1: VOUT, 20.0mV/div
CH2: ILX, 200mA/div
TIME: 2.00µs/div
VOUT = 5V
VIN = 3.6V
ILOAD = 110mA
CH1
Medium Load Operation for Low ESR COUT
CH2
CH1: VOUT, 20.0mV/div
CH2: ILX, 200mA/div
TIME: 2.00µs/div
VOUT = 5V
VIN = 3.6V
ILOAD = 50mA
CH1: VOUT, 20.0mV/div
CH2: ILX, 200mA/div
TIME: 10.0µs/div
CH1
Light Load Operation for Low ESR COUT
CH2
VOUT = 3.3V
VOUT = 3.3V
VIN = 1.8V
ILOAD = 5mA
Light Load Operation for Low ESR COUT
CH1
CH2
CH1: VOUT, 20.0mV/div
CH2: ILX, 200mA/div
TIME: 20.0µs/div
VOUT = 5V
VIN = 3.6V
ILOAD = 5mA




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ACT6305Low Input High Efficiency Synchronous Step-Up DC-DC Converter 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RT9262HIGH EFFICIENCY LOW SUPPLY CURRENT STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreRichtek Technology Corporation
RT9262_07High Efficiency Low Supply Current Step-up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
RT9263_07High Efficiency Low Supply Current Step-Up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
SC4624Low Input Voltage High Efficiency 4A Integrated FET Synchronous Step down DC/DC Regulator 1 2 3 4 5 MoreSemtech Corporation
SC4620Low Input Voltage High Efficiency 2.5A Integrated FET Synchronous Step down DC/DC Regulator 1 2 3 4 5 MoreSemtech Corporation
KB3511High Efficiency Low Noise Fast Transient Dual 800mA 2.2MHz Step-Down DC/DC Converter 1 2 3 4 5 MoreKingbor Technology Co
RT9263HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER 1 2 3 4 5 MoreRichtek Technology Corporation
SC4607Very Low Input MHz Operation High Efficiency Synchronous Buck 1 2 3 4 5 MoreSemtech Corporation
ML0308_1Tiny Package High Efficiency White LED Driver and Step-up DC/DC Converter 1 2 3 4 5 MoreMinilogic Device Corporation Limited

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl