Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XX1000-QT-EV1 Fiches technique(PDF) 2 Page - Mimix Broadband

No de pièce XX1000-QT-EV1
Description  7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIMIX [Mimix Broadband]
Site Internet  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1000-QT-EV1 Fiches technique(HTML) 2 Page - Mimix Broadband

  XX1000-QT-EV1 Datasheet HTML 1Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 2Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 3Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 4Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 5Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 6Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 7Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Doubler Measurements, Nominal Bias Conditions
Page 2 of 8
7.5-22.5/15.0-45.0 GHz Active Doubler
QFN, 3x3 mm
Power Sweep for Fout = 20 GHz
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
-15
-10
-5
0
5
10
15
Pin (dB m)
Pout ( F inx1), F in=10 GHz
Pout ( F inx2), F in=10 GHz
Measured results taken at room temperature in 40 GHz connectorized test fixture with no de-embedding.
X1000-QT
XX1000-QT Pout, swept Pin = 2 to 10dBm
-30
-20
-10
0
10
20
30
15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45
Fout = 2xFin (GHz)
Fin, Pin=2dBm
Fin, Pin=4dBm
Fin, Pin=6dBm
Fin, Pin=8dBm
Fin, Pin=10dBm
2xFin, Pin=2dBm
2xFin, Pin=4dBm
2xFin, Pin=6dBm
2xFin, Pin=8dBm
2xFin, Pin=10dBm
2xFin
Fin
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 10-Jan-08


Numéro de pièce similaire - XX1000-QT-EV1

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1000-QT-EV1 MIMIX-XX1000-QT-EV1 Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT-EV1 MIMIX-XX1000-QT-EV1 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
More results

Description similaire - XX1000-QT-EV1

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com