Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XX1007-BD Fiches technique(PDF) 4 Page - Mimix Broadband

No de pièce XX1007-BD
Description  13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIMIX [Mimix Broadband]
Site Internet  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1007-BD Fiches technique(HTML) 4 Page - Mimix Broadband

  XX1007-BD Datasheet HTML 1Page - Mimix Broadband XX1007-BD Datasheet HTML 2Page - Mimix Broadband XX1007-BD Datasheet HTML 3Page - Mimix Broadband XX1007-BD Datasheet HTML 4Page - Mimix Broadband XX1007-BD Datasheet HTML 5Page - Mimix Broadband XX1007-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
XX1007-BD
RF OUT
1
2
3
RF IN
Vd= 5V
Bias Arrangement
Physical Dimensions
Page 4 of 6
13.5-17.0/27.0-34.0 GHz GaAs MMIC
Active Doubler
X1007-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2008 - Rev 13-Feb-08


Numéro de pièce similaire - XX1007-BD

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1007-BD MIMIX-XX1007-BD Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XX1007-BD MA-COM-XX1007-BD Datasheet
864Kb / 6P
   Doubler
logo
Mimix Broadband
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XX1007-BD MA-COM-XX1007-BD_15 Datasheet
864Kb / 6P
   Doubler
More results

Description similaire - XX1007-BD

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
   17.0-27.0 GHz GaAs MMIC Transmitter
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
XX1003-QC MIMIX-XX1003-QC Datasheet
171Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
30DBL0537-QC MIMIX-30DBL0537-QC Datasheet
305Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com