Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

70-ODC15B Fiches technique(PDF) 2 Page - Grayhill, Inc

No de pièce 70-ODC15B
Description  DC Output Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GRAYHILL [Grayhill, Inc]
Site Internet  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70-ODC15B Fiches technique(HTML) 2 Page - Grayhill, Inc

  70-ODC15B Datasheet HTML 1Page - Grayhill, Inc 70-ODC15B Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
DC Output Modules
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
Miniature, Normally Open
70M-ODC5 70M-ODC5A
70M-ODC5B
70M-ODC15
70M-ODC15B
70M-ODC24 70M-ODC24B
Standard, Normally Open
70-ODC5
70-ODC5A
70-ODC5B
70-ODC15
70-ODC15B
70-ODC24
70-ODC24B
Specifications
Units
Maximum Line Voltage
Vdc
60
200
60
60
60
60
60
Load Voltage Range
Vdc
3-60
4-200
3-60
3-60
3-60
3-60
3-60
Max. Off-State Leakage @ Max. Line
mA
1.5
0.01
0.01
1.5
0.01
1.5
0.01
Maximum Turn-On Time
µSec
20
75
75
20
75
20
75
Maximum Turn-Off Time
µSec
50
750
500
50
500
50
500
Typ. Power Dissipation
W/A
1
1.5
1
1
1
1
1
Clamping Voltage
Vdc
80
360
80
80
80
80
80
Nominal Logic Voltage (Vcc)
Vdc
5
5
5
15
15
24
24
Logic Voltage Range
Vdc
2.5-10
2.5-9
2.5-10
10-18
10-18
15-30
15-30
Maximum Logic Supply Current
@ Nominal Vcc
mA
14
18
14
9
9
9
9
Nominal Input Resistance (Rx)
300
220
300
1800
1800
2700
2700
Minimum Drop Out Voltage
Vdc
1
1
1
1
1
1
1
Type/Function
Grayhill Part Number
Standard and Miniature Modules
SPECIFICATIONS: By Part Number
G5 and OpenLine® Modules
70G-ODC5
70G-ODC5
70G-ODC5
70G-ODC5
70G-ODC5
70G-ODC5A
70G-ODC5A
70G-ODC5A
70G-ODC5A
70G-ODC5A
70G-ODC5B
70G-ODC5B
70G-ODC5B
70G-ODC5B
70G-ODC5B
70G-ODC15
70G-ODC15
70G-ODC15
70G-ODC15
70G-ODC15
70G-ODC15B
70G-ODC15B
70G-ODC15B
70G-ODC15B
70G-ODC15B
70G-ODC24
70G-ODC24
70G-ODC24
70G-ODC24
70G-ODC24
70G-ODC24B
70G-ODC24B
70G-ODC24B
70G-ODC24B
70G-ODC24B
Maximum Line Voltage
Vdc
60
200
60
60
60
60
60
Load Voltage Range
Vdc
3-60
4-200
3-60
3-60
3-60
3-60
3-60
Max. Off-State Leakage @ Max. Line
mA
1.5
0.01
0.01
1.5
0.01
1.5
0.01
Maximum Turn-On Time
µSec
20
75
75
20
75
20
75
Maximum Turn-Off Time
µSec
50
750
500
50
500
50
500
Typ. Power Dissipation
W/A
1
1.5
1
1
1
1
1
Clamping Voltage
Vdc
80
360
80
80
80
80
80
Nominal Logic Voltage (Vcc)
Vdc
5
5
5
15
15
24
24
Logic Voltage Range
Vdc
4-6
4-6
4-6
10-20
10-20
18-32
18-32
Maximum Logic Supply Current
@ Nominal Vcc
mA
13
13
13
9
9
9
9
Nominal Input Resistance (Rx)
150
150
150
1500
1500
2700
2700
Minimum Drop Out Voltage
Vdc
1
1
1
1
1
1
1
Grayhill Part Number
Type/Function
Fusible, Normally Open
Specifications
Units
OpenLine® Modules
Type/Function
Grayhill Part Number
Dual, Fusible, Normally Open
70L-ODC
70L-ODCA
70L-ODCB
Specifications
Units
Maximum Line Voltage
Vdc
60
200
60
Load Voltage Range
Vdc
3-60
4-200
3-60
Max. Off-State Leakage @ Max. Line
mA
1.5
.01
.01
Maximum Turn-On Time
µSec
20
75
75
Maximum Turn-Off Time
µSec
50
750
500
Typ. Power Dissipation
WA
1
1.5
1
Clamping Voltage
Vdc
80
360
80
Nominal Logic Voltage (Vcc)
Vdc
5
5
5
Logic Voltage Range
Vdc
4.5-28
4.5-28
4.5-28
Maximum Logic Supply Current
@ Nominal Vcc
mA
7/CH
7/CH
7/CH
Module ID Resistance to Logic
Ground
2.15K
2.15K
2.15K
Minimum Drop Out Voltage
Vdc
1
1
1
I/O
9


Numéro de pièce similaire - 70-ODC15B

FabricantNo de pièceFiches techniqueDescription
logo
Grayhill, Inc
70-ODC15B GRAYHILL-70-ODC15B Datasheet
76Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
More results

Description similaire - 70-ODC15B

FabricantNo de pièceFiches techniqueDescription
logo
Crydom Inc.,
6311 CRYDOM-6311 Datasheet
162Kb / 2P
   DC Output Buffered Modules
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
CINCON ELECTRONICS Corp...
CFM60T CINCON-CFM60T Datasheet
377Kb / 2P
   60W TRIPLE OUTPUT AC-DC MODULES
CFM21 CINCON-CFM21 Datasheet
307Kb / 2P
   20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M CINCON-CFM21M Datasheet
575Kb / 3P
   20 WATT SINGLE OUTPUT AC-DC MODULES
logo
HITRON ELECTRONICS CORP...
HDM16-T HITRON-HDM16-T Datasheet
128Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 16WATTS TRIPLE OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com