Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-4SBFM Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce P-4SBFM
Description  IFT COILS< Pin Type: P-4 Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-4SBFM Fiches technique(HTML) 1 Page - Sumida Corporation

  P-4SBFM Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: P-4SB/AM,P-4SB/FM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS< Pin Type: P-4 Series>
Product Description
5.1×5.1mm Max.(L×W), 4.5mm Max. Height.
Inductance:680µH Max., reference unloaded Q:65
Operating frequency:25MHz Max.
In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Variable shielded type.
Ideally used in Radio (AM, FM),TV. Transceiver
RoHS Compliance
Dimensions (mm)
Dimension does not include solder used on coil.
Pin pitch shall be measured at the root of terminal.
Dimension without tolerance are approx.
Connection (Bottom View)
Specification
“S” is winding start
P-4SB/AM
P-4SB/FM
Item
Measuring Condition
796KHz
(1-3)
Measuring Condition
7.96MHz
Inductance
640μH ± 6% Variable
2.0μH ± 4% Variable
Unloaded Q
55 Min.
55 Min.
3
2
1
4
6
S
5.0
3.0±0.15
4.8±0.3
MAX.4
.5
2.5±0.4


Numéro de pièce similaire - P-4SBFM

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
P-4SBFM SUMIDA-P-4SBFM Datasheet
37Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
More results

Description similaire - P-4SBFM

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
P-4SBAM SUMIDA-P-4SBAM Datasheet
37Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-7GL SUMIDA-P-7GL Datasheet
42Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-7GJ SUMIDA-P-7GJ Datasheet
36Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG SUMIDA-P-5LG_1 Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
   IFT COILS < Pin Type: MG Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
   IFT COILS < Pin Type: PG Series>
P-5DJFM SUMIDA-P-5DJFM Datasheet
66Kb / 2P
   IFT COILS < P-5DJ Series>
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com