Moteur de recherche de fiches techniques de composants électroniques |
|
UF1GA Fiches technique(PDF) 1 Page - HY ELECTRONIC CORP. |
|
UF1GA Fiches technique(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 2 page FEATURES ● Low cost ● Diffused junction ●Ultra fast switching for high efficiency ● Low reverse leakage current ● Low forward voltage drop ● High current capability ● The plastic material carries UL recognition 94V-0 MECHANICAL DATA ●Case: Molded Plastic ●Polarity: lndicated by cathode band ●Weight: 0.002 ounces,0.053 grams ●Mounting position: Any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL UF1AA UF1BA UF1DA UF1GA UF1JA UF1KA UF1MA UNIT Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 580 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current @TA=55 ℃ Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 1.0A DC VF 1.3 V Maximum DC Reverse Current @TJ=25℃ at Rated DC Blocking Voltage @TJ=100℃ Maximum Reverse Recovery Time(Note 1) TRR nS Tyical Junction Capacitance (Note2) CJ pF Tyical Thermal Resistance (Note3) RθJA ℃/W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ 30 A 100 IR uA 1.7 2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction of ambient. NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A. A I(AV) ~ 77 ~ -50 to +150 50 75 20 10 1.0 IFSM UF1AA thru UF1MA REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Amperes SURFACE MOUNT ULTRA FAST RECTIFIERS 5.0 25 -50 to +125 1.0 A-SMA .030(0.76) .060(1.52) .103(2.62) .079(2.00) .188(4.80) .208(5.28) .008(.203) .002(.051) .006(.152) .012(.305) .157(4.00) .181(4.60) .098(2.50) .114(2.90) .051(1.30) .039(1.00) |
Numéro de pièce similaire - UF1GA |
|
Description similaire - UF1GA |