Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4009 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
HCF4009 Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 13 page STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions) Symbol Parameter Test Conditios Value Unit VI (V) VO (V) |IO| ( µA) VDD (V) TLOW *25 oCTHIGH * Min. Max. Min. Typ. Max. Min. Max. IL Quiescent Current HCC Types 0/5 5 1 0.02 1 30 µA 0/10 10 2 0.02 2 60 0/15 15 4 0.02 4 120 0/20 20 20 0.04 20 600 HCF Types 0/5 5 4 0.02 4 30 0/10 10 8 0.02 8 60 0/15 15 16 0.02 16 120 VOH Output High Voltage 0/5 5 4.95 4.95 4.95 V 0/10 10 9.95 9.95 9.95 0/15 15 14.95 14.95 14.95 VOL Output Low Voltage 5/0 5 0.05 0.05 0.05 V 10/0 10 0.05 0.05 0.05 15/0 15 0.05 0.05 0.05 VIH Input High Voltage (4009UB) 0.5 5 4 4 4 V 110 8 8 8 1.5 15 12.5 12.5 12.5 VIH Input High Voltage (4010B) 4.5 5 3.5 3.5 3.5 V 910 7 7 7 13.5 15 11 11 11 VIL Input Low Voltage (4009UB) 4.5 5 1 1 1 V 910 2 2 2 13.5 15 2.5 2.5 2.5 VIL Input Low Voltage (4010B) 0.5 5 1.5 1.5 1.5 V 110 3 3 3 1.5 15 4 4 4 IOH Output Drive Current HCC Types 0/5 2.5 5 -1 -0.8 -1.6 -0.58 mA 0/5 4.6 5 -0.25 -0.2 -0.4 -0.15 0/10 9.5 10 -0.55 -0.45 -0.9 -0.33 0/15 13.5 15 -1.65 -1.5 -3 -1.1 HCF Types 0/5 2.5 5 -0.9 -0.8 -1.6 -0.65 0/5 4.6 5 -0.23 -0.2 -0.4 -0.18 0/10 9.5 10 -0.5 -0.45 -0.9 -0.38 0/15 13.5 15 -1.6 -1.5 -3 -1.25 IOL Output Sink Current HCC Types 0/5 0.4 5 3.75 3 4 2.1 mA 0/10 0.5 10 10 8 10 5.6 0/15 1.5 15 30 24 36 16 HCF Types 0/5 0.4 5 3.6 3 4 2.4 0/10 0.5 10 0.96 8 10 6.4 0/15 1.5 15 40 24 36 1.9 IIH,IIL Input Leakage Current 0/18 18 ±0.1 ±10-5 ±0.1 ±1 µA CI Input Capacitance 4009UB Any Input 15 22.6 4010B 5 7.5 pF *TLOW =-55 oCfor HCC device: -40 oC for HCF device. *THIGH =+125 oCfor HCC device: +85 oC for HCF device. The Noise Margin for both ”1” and ”0” level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD =15 V HCC/HCF4009UB HCC/HCF4010B 3/13 |
Numéro de pièce similaire - HCF4009 |
|
Description similaire - HCF4009 |