Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C91 Fiches technique(PDF) 2 Page - HY ELECTRONIC CORP.

No de pièce BZX55C91
Description  ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HY [HY ELECTRONIC CORP.]
Site Internet  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BZX55C91 Fiches technique(HTML) 2 Page - HY ELECTRONIC CORP.

  BZX55C91 Datasheet HTML 1Page - HY ELECTRONIC CORP. BZX55C91 Datasheet HTML 2Page - HY ELECTRONIC CORP. BZX55C91 Datasheet HTML 3Page - HY ELECTRONIC CORP. BZX55C91 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES
~ 400 ~
BZX55C SERIES
LEAD LENGTH (mm)
FIG. 1 - THERMAL RESISTANCE VS.LEAD LENGTH
500
400
300
200
100
0
0
5
10
15
20
JUNCTION TEMPERATURE (
°C)
FIG. 4 - TYPICAL CHANGE OF WORKING VOLTAGE VS.
JUNCTION TEMPERATURE
1.3
1.2
1.1
1.0
0.9
0.8
-60
0
60
120
180
240
-4x10
-4/K
-2x10
-4/K
0
2x10
-4/K
4x10
-4/K
6x10
-4/K
8x10
-4/K
TKyz=10x10
-4/K
VZtn=Vzt/Vz(25
°C)
AMBIENT TEMPERATURE (
°C)
FIG. 2 - TOTAL POWER DISSIPATIONVS.
AMBIENT TEMPERATURE
500
400
300
200
100
0
0
40
80
120
200
600
160
Z-VOLTAGE(V)
FIG.5 - TYPICAL CHANGE OF WORKING VOLTAGE VS.
JUNCTION TEMPERATURE
15
10
5
0
-5
0
10
20
30
40
50
Iz=5mA
FIG.3 -TYPICAL CHANGE OF WORKING VOLTAGE
UNDER OPERATING CONDITIONS AT Tamb=25
°C
Z-VOLTAGE (V)
10
1000
1
100
0
5
10
15
20
25
TJ=25
°C
Iz=5mA
Z-VOLTAGE(V)
FIG.6 - DIODE CAPACITANCE VS.Z-VOLTAGE
200
150
100
50
0
0
0
5
10
15
20
25
VR=2V
TJ=25
°C


Numéro de pièce similaire - BZX55C91

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZX55C91 EIC-BZX55C91 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Continental Device Indi...
BZX55C91 CDIL-BZX55C91 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX55C91 GOOD-ARK-BZX55C91 Datasheet
146Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
BZX55C91 CHENDA-BZX55C91 Datasheet
695Kb / 3P
   Low zener impedance
logo
Fairchild Semiconductor
BZX55C91 FAIRCHILD-BZX55C91 Datasheet
50Kb / 5P
   Zeners
More results

Description similaire - BZX55C91

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com