Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS12 Fiches technique(PDF) 2 Page - HY ELECTRONIC CORP.

No de pièce SS12
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HY [HY ELECTRONIC CORP.]
Site Internet  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS12 Fiches technique(HTML) 2 Page - HY ELECTRONIC CORP.

  SS12 Datasheet HTML 1Page - HY ELECTRONIC CORP. SS12 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
SS12 thru SS110
~ 150 ~
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE ℃
25
50
75
100
125
150
175
1.00
0.75
0.5
0.25
0
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
0.1
1000
100
10
1.0
4.0
10.0
100
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
100
10
1.0
0.1
0.01
0.001
0
20
40
60
80
100
120
140
TJ=125
TJ=25
TJ=100
REVERSE VOLTAGE,VOLTS
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25f=1MHZ
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
1.0
0.1
10
0.1
0.3
0.9
0.5
1.1
1.7
0
0.7
1.3
1.5
20
TJ = 25
°C
PULSE WIDTH 300us
1% DUTY CYCLE
SS15-SS16
SS13
SS14
SS18-SS110
SS12
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
40
30
20
10
0
100
50
20
10
1
2
5
PULSE WIDTH 8.3mS
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)


Numéro de pièce similaire - SS12

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
117Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SS12 SAMYANG-SS12 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SS12 JINGHENG-SS12 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS12 MCC-SS12 Datasheet
208Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts High Current Capability
More results

Description similaire - SS12

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com