Moteur de recherche de fiches techniques de composants électroniques |
|
GS100T300-5 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
GS100T300-5 Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 10 page Symbol Parameter Test Conditions Min Typ Max Unit Vi Input Voltage Vo =5V Io = 0 to 20A (Operating Conditions) 200 300 400 VDC Qi Inrush Charge Vi = 400V Io = 20A 40 •10-6 C Pi Input Power Vi = 300V Io = 0A (No Load) 2.5 W Vo Output Voltage Vi = 200 to 400V Io = 0 to 20A 5.09 5.20 5.30 V Vo Output Voltage Range Vi = 200 to 400V Io = 0 to 20A (see fig. 2) 2.6 5.20 V Vorn Output Ripple and Noise Voltage Vi = 300V Io = 20A BW = 0 to 20Mhz 40 50 mVpp Vol Output Overvoltage Limit Initiation Vi = 200 to 400V Io = 0 to 20A 1.2 •Vo V δVOL Line Regulation Vi = 200 to 400V Io = 20A ±0.1 % δVOO Load Regulation Vi = 300V Io = 0 to 20A ±0.1 % ∆Vo Total Remote Sense Compensation Vi = 200 to 400V 0.6 V δVo Peak Load Transient Response Vi = 300V δIo =1A 500 mVp SVR Supply Voltage Rejection f = 100Hz 55 dB Io Output Current Vi = 200 to 400V Vo =5V 020 A IoI Overcurrent Limit Initiation Vi = 300V 21 23 25 A Iosc Shortcircuit Output Current Vi = 300V 18 23 28 A ts Load Transient Settling Time Vi = 300V δIo =1A 300 µs ton Turn-on Time Vi = 200V Io = 20A 610 ms Vis Isolation Voltage Input to Output 3750 VRMS Output to Baseplate 500 Input to Baseplate 2500 fs Switching Frequency Vi = 200 to 400V Io = 0 to 20A 150 kHz η Efficiency Vi = 300V Io = 20A 80 81 % Rth Thermal Resistance Baseplate to Ambient 7.5 °C/W Tcop Operating Case Temperature Range 0 +70 °C Tstg Storage Temperature Range – 40 +100 °C GS100T300-5 ELECTRICAL CHARACTERISTICS (Tamb =25 °C unless otherwise specified) 3/10 GS70/100T300 Family |
Numéro de pièce similaire - GS100T300-5 |
|
Description similaire - GS100T300-5 |