Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S-1122B52MC-L9LTFG Fiches technique(PDF) 7 Page - Seiko Instruments Inc

No de pièce S-1122B52MC-L9LTFG
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1122B52MC-L9LTFG Fiches technique(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1122B52MC-L9LTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1122B52MC-L9LTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1122B52MC-L9LTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1122B52MC-L9LTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1122B52MC-L9LTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1122B52MC-L9LTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1122B52MC-L9LTFG Datasheet HTML 9Page - Seiko Instruments Inc S-1122B52MC-L9LTFG Datasheet HTML 10Page - Seiko Instruments Inc S-1122B52MC-L9LTFG Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-1112/1122 Series
Seiko Instruments Inc.
7
Pin Configuration
Table 3
(S-1112 Series)
Pin No.
Symbol
Description
1
NC
*1
No connection
2
VSS
GND pin
3
ON/OFF
Shutdown pin
4
VIN
Input voltage pin
SNT-6A(H)
Top view
1
2
3
4
6
5
5
VSS
GND pin
6
VOUT
Output voltage pin
Figure 2
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
Table 4
(S-1112 Series)
Pin No.
Symbol
Description
1
VIN
Input voltage pin
2
VSS
GND pin
3
ON/OFF
Shutdown pin
4
NC
*1
No connection
5
VOUT
Output voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
Table 5
5
4
1
3
2
SOT-23-5
Top view
(S-1122 Series)
Pin No.
Symbol
Description
Figure 3
1
VOUT
Output voltage pin
2
VSS
GND pin
3
VIN
Input voltage pin
4
ON/OFF
Shutdown pin
5
NC
*1
No connection
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.


Numéro de pièce similaire - S-1122B52MC-L9LTFG

FabricantNo de pièceFiches techniqueDescription
logo
Seiko Instruments Inc
S-1122B52MC-L9LTFG SII-S-1122B52MC-L9LTFG Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Description similaire - S-1122B52MC-L9LTFG

FabricantNo de pièceFiches techniqueDescription
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com