Moteur de recherche de fiches techniques de composants électroniques |
|
S-1132B28-U5T1G Fiches technique(PDF) 11 Page - Seiko Instruments Inc |
|
S-1132B28-U5T1G Fiches technique(HTML) 11 Page - Seiko Instruments Inc |
11 / 35 page HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR Rev.3.2_00 S-1132 Series Seiko Instruments Inc. 11 Explanation of Terms 1. Low dropout voltage regulator The low dropout voltage regulator is a voltage regulator whose dropout voltage is low due to its built-in low on- resistance transistor. 2. Low ESR A capacitor whose ESR (Equivalent Series Resistance) is low. The S-1132 Series enables use of a low ESR capacitor, such as a ceramic capacitor, for the output-side capacitor CL. A capacitor whose ESR is 2.0 Ω or less can be used. 3. Output voltage (VOUT) The accuracy of the output voltage is ensured at ±1.0% under the specified conditions of fixed input voltage *1, fixed output current, and fixed temperature. *1. Differs depending on the product. Caution If the above conditions change, the output voltage value may vary and exceed the accuracy range of the output voltage. Please see the electrical characteristics and attached characteristics data for details. 4. V ∆V ∆V regulation Line OUT IN OUT1 • Indicates the dependency of the output voltage on the input voltage. That is, the values show how much the output voltage changes due to a change in the input voltage with the output current remaining unchanged. 5. Load regulation ( ∆VOUT2) Indicates the dependency of the output voltage on the output current. That is, the values show how much the output voltage changes due to a change in the output current with the input voltage remaining unchanged. 6. Dropout voltage (Vdrop) Indicates the difference between the input voltage VIN1, which is the input voltage (VIN) at the point where the output voltage has fallen to 98% of the output voltage value VOUT3 after VIN was gradually decreased from VIN = VOUT(S) + 1.0 V, and the output voltage at that point (VOUT3 × 0.98). Vdrop = VIN1 − (VOUT3 × 0.98) |
Numéro de pièce similaire - S-1132B28-U5T1G |
|
Description similaire - S-1132B28-U5T1G |