Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S-1121B55MC-N3OTFG Fiches technique(PDF) 9 Page - Seiko Instruments Inc

No de pièce S-1121B55MC-N3OTFG
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1121B55MC-N3OTFG Fiches technique(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1121B55MC-N3OTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1121B55MC-N3OTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1121B55MC-N3OTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1121B55MC-N3OTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1121B55MC-N3OTFG Datasheet HTML 9Page - Seiko Instruments Inc S-1121B55MC-N3OTFG Datasheet HTML 10Page - Seiko Instruments Inc S-1121B55MC-N3OTFG Datasheet HTML 11Page - Seiko Instruments Inc S-1121B55MC-N3OTFG Datasheet HTML 12Page - Seiko Instruments Inc S-1121B55MC-N3OTFG Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-1111/1121 Series
Seiko Instruments Inc.
9
Electrical Characteristics
Table 6
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S) + 1.0 V, IOUT = 30 mA
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN ≥ VOUT(S) + 1.0 V
150
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 100 mA
1.5 V
≤ V
OUT(S) ≤ 1.9 V
0.60
1.40
V
1
2.0 V
≤ V
OUT(S) ≤ 2.4 V
0.35
0.70
V
1
2.5 V
≤ V
OUT(S) ≤ 2.7 V
0.24
0.35
V
1
2.8 V
≤ V
OUT(S) ≤ 3.3 V
0.20
0.30
V
1
3.4 V
≤ V
OUT(S) ≤ 5.5 V
0.17
0.26
V
1
Line regulation
OUT
IN
OUT1
V
V
V
Δ
Δ
VOUT(S) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 30 mA
0.05
0.2
% / V
1
Load regulation
ΔV
OUT2
VIN = VOUT(S) + 1.0 V,
1.0 mA
≤ I
OUT ≤ 80 mA
20
40
mV
1
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
V
Δ
Δ
VIN = VOUT(S) + 1.0 V, IOUT = 10 mA,
−40°C ≤ Ta ≤ 85°C
±100
ppm
/
°C
1
Current consumption
during operation
ISS1
VIN = VOUT(S) + 1.0 V, ON/OFF pin = ON,
no load
35
65
μA
2
Current consumption
during shutdown
ISS2
VIN = VOUT(S) + 1.0 V, ON/OFF pin = OFF,
no load
0.1
1.0
1
2
Input voltage
VIN
2.0
6.5
V
Shutdown pin
input voltage “H”
VSH
VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ
1.5
V
4
Shutdown pin
input voltage “L”
VSL
VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ
0.3
V
4
Shutdown pin
input current “H”
ISH
VIN = 6.5 V, VON/OFF = 6.5 V
−0.1
0.1
μA
4
Shutdown pin
input current “L”
ISL
VIN = 6.5 V, VON/OFF = 0 V
−0.1
0.1
μA
4
Ripple rejection
RR
VIN = VOUT(S) + 1.0 V, f = 1.0 kHz,
ΔV
rip = 0.5 Vrms, IOUT = 30 mA
70
dB
5
Short-circuit current
Ishort
VIN = VOUT(S) + 1.0 V, ON/OFF pin = ON,
VOUT = 0 V
250
mA
3
*1. VOUT(S): Specified output voltage
VOUT(E): Actual output voltage at the fixed load
The output voltage when fixing IOUT(= 30 mA) and inputting VOUT(S) + 1.0 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1 − (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S) + 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4. The change in temperature [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
Δ
Δ
×
=
°
Δ
Δ
3
*
2
*
*1
*1. The change in temperature of the output voltage
*2. Specified output voltage
*3. Output voltage temperature coefficient
*5. The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.


Numéro de pièce similaire - S-1121B55MC-N3OTFG

FabricantNo de pièceFiches techniqueDescription
logo
Seiko Instruments Inc
S-1122 SII-S-1122 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1122 SII-S-1122 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1122B15MC-L8ATFG SII-S-1122B15MC-L8ATFG Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1122B15MC-L8ATFG SII-S-1122B15MC-L8ATFG Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1122B15MC-L8ATFX ABLIC-S-1122B15MC-L8ATFX Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results

Description similaire - S-1121B55MC-N3OTFG

FabricantNo de pièceFiches techniqueDescription
logo
Seiko Instruments Inc
S1172 SII-S1172 Datasheet
554Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com