Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2551DBVR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2551DBVR
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2551DBVR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2551DBVR Datasheet HTML 1Page - Texas Instruments TPS2551DBVR Datasheet HTML 2Page - Texas Instruments TPS2551DBVR Datasheet HTML 3Page - Texas Instruments TPS2551DBVR Datasheet HTML 4Page - Texas Instruments TPS2551DBVR Datasheet HTML 5Page - Texas Instruments TPS2551DBVR Datasheet HTML 6Page - Texas Instruments TPS2551DBVR Datasheet HTML 7Page - Texas Instruments TPS2551DBVR Datasheet HTML 8Page - Texas Instruments TPS2551DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
DEVICE INFORMATION
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
IN
GND
EN
ILIM
OUT
FAULT
CS
Reverse
Voltage
Comparator
-
+
Current
Sense
8-msDeglitch
TPS2550
TPS2551
SLVS736 – FEBRUARY 2008
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TPS2550DBV
TPS2551DBV
TPS2550DRV
TPS2551DRV
EN
3
4
I
Enable input, logic low turns on power switch
EN
3
4
I
Enable input, logic high turns on power switch
GND
2
2
5
5
Ground connection; should be connected
externally to POWER PAD
IN
1
1
6
6
I
Input voltage; connect a 0.1
µF or greater
ceramic capacitor from IN to GND as close to the
IC as possible.
FAULT
4
4
3
3
O
Active-low open-drain output, asserted during
overcurrent, overtemperature, or reverse-voltage
conditions.
OUT
6
6
1
1
O
Power-switch output
ILIM
5
5
2
2
I
External resistor used to set current-limit
threshold; recommended 14.3 k
Ω ≤ RILIM ≤ 80.6
k
Ω.
POWER
PAD
PAD
Internally connected to GND; used to heat-sink
PAD
the part to the circuit board traces. Should be
connected to GND pin.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2550 TPS2551


Numéro de pièce similaire - TPS2551DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2551DBVR TI-TPS2551DBVR Datasheet
1Mb / 31P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551DBVRG4 TI-TPS2551DBVRG4 Datasheet
1Mb / 31P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2551DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2550_0807 TI-TPS2550_0807 Datasheet
1Mb / 31P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com