Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2550 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS2550 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 28 page www.ti.com ABSOLUTE MAXIMUM RATINGS DISSIPATION RATING TABLE TPS2550 TPS2551 SLVS736 – FEBRUARY 2008 This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C, Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated voltages to these high-impedance circuits. During storage or handling the device leads should be shorted together or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic voltage level, preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments. AVAILABLE OPTIONS AND ORDERING INFORMATION DEVICE AMBIENT ENABLE SON (1) SOT23(1) RECOMMENDED MAXIMUM TEMPERATURE (DRV) (DBV) CONTINUOUS LOAD CURRENT TPS2550 Active low TPS2550DRV TPS2550DBV 1.1 A –40 °C to 85°C TPS2551 Active high TPS2551DRV TPS2551DBV 1.1 A (1) Add an R suffix to the device type for tape and reel. over operating free-air temperature range unless otherwise noted (1) (2) VALUE UNIT Voltage range on IN, OUT, EN or EN, ILIM, FAULT –0.3 to 7 V Voltage range from IN to OUT –7 to 7 V IOUT Continuous output current Internally limited See "Dissipation Rating Continuous total power dissipation Table" FAULT sink current 25 mA ILIM source current 1 mA HBM 2 kV ESD CDM 500 V TJ Maximum junction temperature –40 to 150 °C TSgt Storage temperature –65 to 150 °C Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds 300 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Voltages are referenced to GND unless otherwise noted. BOARD PACKAGE THERMAL THERMAL TA ≤ 25°C DERATING TA = 70°C TA = 85°C RESISTANCE RESISTANCE POWER FACTOR ABOVE POWER POWER θ JA θ JC RATING TA = 25°C RATING RATING Low-K(1) DBV 350 °C/W 55 °C/W 285 mW 2.85 mW/ °C 155 mW 114 mW High-K(2) DBV 160 °C/W 55 °C/W 625 mW 6.25 mW/ °C 340 mW 250 mW Low-K(1) DRV 140 °C/W 20 °C/W 715 mW 7.1 mW/ °C 395 mW 285 mW High-K(2) DRV 75 °C/W 20 °C/W 1330 mW 13.3 mW/ °C 730 mW 530 mW (1) The JEDEC low-K (1s) board used to derive this data was a 3in × 3in, two-layer board with 2-ounce copper traces on top of the board. (2) The JEDEC high-K (2s2p) board used to derive this data was a 3in × 3in, multilayer board with 1-ounce internal power and ground planes and 2-ounce copper traces on top and bottom of the board. 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TPS2550 TPS2551 |
Numéro de pièce similaire - TPS2550 |
|
Description similaire - TPS2550 |