Moteur de recherche de fiches techniques de composants électroniques |
|
SN74CBT3253D Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
SN74CBT3253D Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 16 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74CBT3253D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253DBLE OBSOLETE SSOP DB 16 TBD Call TI Call TI SN74CBT3253DBQR ACTIVE SSOP/ QSOP DBQ 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBT3253DBQRE4 ACTIVE SSOP/ QSOP DBQ 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBT3253DBQRG4 ACTIVE SSOP/ QSOP DBQ 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBT3253DBR ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253DBRE4 ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253DBRG4 ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253PW ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253PWE4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253PWG4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253PWLE OBSOLETE TSSOP PW 16 TBD Call TI Call TI SN74CBT3253PWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253PWRE4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253PWRG4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3253RGYR ACTIVE QFN RGY 16 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBT3253RGYRG4 ACTIVE QFN RGY 16 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 28-May-2007 Addendum-Page 1 |
Numéro de pièce similaire - SN74CBT3253D |
|
Description similaire - SN74CBT3253D |