Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDC1016J7CX Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce TDC1016J7CX
Description  Video Speed D/A Converter 10-Bit, 20 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1016J7CX Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  TDC1016J7CX Datasheet HTML 1Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 2Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 3Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 4Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 5Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 6Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 7Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 8Page - Fairchild Semiconductor TDC1016J7CX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TDC1016
PRODUCT SPECIFICATION
4
Absolute Maximum Ratings (beyond which the device wille be damaged)1
Notes:
1. Absolute maximum ratings are limiting values applied individually while all other parameters are within specified operating
conditions. Functional operation under any of these conditions is NOT implied.
2. Applied voltage must be current limited to specified range.
D1–D10
15, 18, 22, 24,
26, 28, 30, 32,
34, 36
ECL
Data Bits 1–10 (Inv). D1 is the MSB, D10 is the
LSB.
Analog Output
AOUT
7
4
0V–1V
Analog Output Voltage
No Connection
NC
1, 38–40
Open
No Connection
Parameter
Min.
Max.
Unit
Supply Voltages
VCC (measured to DGND)
-0.5
+7.0
V
VEE (measured to AGND)
-7.0
+0.5
V
AGND (measured to DGND)
-0.5
+0.5
V
Input Voltages
Digital (measured to DGND)
-7.0
+7.0
V
Reference (measured to AGND)
-1.5
+0.5
V
Output
Applied Voltage (measured to AGND)
2
-2.0
+2.0
V
Short-Circuit Duration
Indefinite
Temperature
Operating, Ambient
+125
°C
Operating, Junction
+175
°C
Lead, Soldering (10 seconds)
+300
°C
Storage
-65
+150
°C
Pin Descriptions (continued)
Pin Name
Pin Number
Value
Pin Function Description
40-Lead
24-Lead


Numéro de pièce similaire - TDC1016J7CX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDC1011 TI-TDC1011 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011PW TI-TDC1011PW Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results

Description similaire - TDC1016J7CX

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Intersil Corporation
HI5735 INTERSIL-HI5735 Datasheet
136Kb / 12P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com