Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74BCT543DWRE4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74BCT543DWRE4
Description  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT543DWRE4 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74BCT543DWRE4 Datasheet HTML 1Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 2Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 3Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 4Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 5Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 6Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 7Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 8Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54BCT543, SN74BCT543
OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS026C – NOVEMBER 1988 – REVISED APRIL 1994
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT543
SN74BCT543
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
IOH = – 3 mA
2.4
3.3
2.4
3.3
VOH
VCC = 4.5 V
IOH = –12 mA
2
3.2
V
IOH = –15 mA
2
3.1
VOL
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
II
VCC = 5.5 V,
VI = 5.5 V
0.4
0.4
mA
I
A or B port
VCC =5 5V
VI =2 7V
70
70
µA
IIH‡
Control input
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
I ‡
A or B port
VCC =5 5V
VI =0 5V
– 0.65
– 0.65
mA
IIL‡
Control input
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
IOS§
VCC = 5.5 V,
VO = 0
–100
– 225
–100
– 225
mA
ICCL
A or B port
VCC = 5.5 V
45
71
45
71
mA
ICCH
A or B port
VCC = 5.5 V
5
8
5
8
mA
ICCZ
A or B port
VCC = 5.5 V
9
15
9
15
mA
Ci
Control input
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
6
pF
Cio
A or B port
VCC = 5 V,
VO = 2.5 V or 0.5 V
16
16
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
SN54BCT543
SN74BCT543
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LEAB or LEBA low
7
8
7
ns
tsu
Setup time, data before LEAB or LEBA
High or low
4.5
5.5
4.5
ns
th
Hold time, data after LEAB or LEBA
High or low
1.5
1.5
1.5
ns


Numéro de pièce similaire - SN74BCT543DWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74BCT543DWR TI-SN74BCT543DWR Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74BCT543DWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_07 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_08 Datasheet
621Kb / 22P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543 Datasheet
100Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com