Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-5LGBAM Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce P-5LGBAM
Description  IFT COILS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5LGBAM Fiches technique(HTML) 1 Page - Sumida Corporation

  P-5LGBAM Datasheet HTML 1Page - Sumida Corporation P-5LGBAM Datasheet HTML 2Page - Sumida Corporation P-5LGBAM Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: P-5LGB/FM, P-5LGB/AM, P-5LGB/MW ,P-5LGB/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
IFT COILS < Pin Type: P-5 Series>
Product Description
・6.1×6.1mm Max.(L×W), 6.5mm Max. Height.
・Inductance:1~1.0mH Max.
・Operating frequency:20MHz Max.
・In addition to the reference versions and standard version (P-5LGB/SW) of
parameters shown here, custom designs are available to meet your exact requirements.
Feature
・Variable shielded types.
・AM,FM,MW,SW types are available.
・Internally assembled condenser is available.
・Ideally used in Radio (AM, FM ,MW,SW),TV. Transceiver
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
* Dimension without tolerance are approx.
Connection (Bottom View)
P-5LGB/FM
P-5LGB/AM
P-5LGB/MW
P-5LGB/SW
“S” is winding start.
S
S
S
S
S
S
S
S
6.5 MAX.
2.6±0.4
2.8±0.2
5.8±0.3
3.5±0.15
6.0


Numéro de pièce similaire - P-5LGBAM

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG SUMIDA-P-5LG Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/AM SUMIDA-P-5LG/AM Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG/AM SUMIDA-P-5LG/AM Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/FM SUMIDA-P-5LG/FM Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
More results

Description similaire - P-5LGBAM

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com