Moteur de recherche de fiches techniques de composants électroniques |
|
P-7SBJ Fiches technique(PDF) 2 Page - Sumida Corporation |
|
P-7SBJ Fiches technique(HTML) 2 Page - Sumida Corporation |
2 / 2 page Type: P-7SBJ/F M, P-7SBJ/AM, P-7SBJ/SW, P-7SBJ/MW Please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 IFT Coils < Pin Type: P-7 Series> ◆ Specification (P-7SBJ/FM) (Part No.: S0995568) ◆ Specification( P-7SBJ/AM) (Part No.:S0995566) Item (1−3) Measuring Conditions Frequency 455kHz± 3% Variable Tuning Capacity(Int.) 330 pF±10% Unloaded Qu 60 Min. 455kHz ◆ Specification (P-7SBJ /SW) (Part No.:S0995584) ◆ Specification (P-7SBJ /MW) (Part No.: S193018) Item (1−3) Measuring Conditions Frequency 10.7MHz±2% Variable Tuning Capacity(Int.) 56 pF±5% Unloaded Qu 55 Min. 10.7MHz Item (1−3) Measuring Condition Inductance 4.2 μH± 5% Variable 7.96MHz Unloaded Qu 105±12% Within 7.96MHz Item (1−3) Measuring Condition Inductance 268μH ± 8% Variable 796KHz Unloaded Qu 93 Min. 796KHz |
Numéro de pièce similaire - P-7SBJ |
|
Description similaire - P-7SBJ |