Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM55-0003SMB Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce AM55-0003SMB
Description  250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AM55-0003SMB Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  AM55-0003SMB Datasheet HTML 1Page - List of Unclassifed Manufacturers AM55-0003SMB Datasheet HTML 2Page - List of Unclassifed Manufacturers AM55-0003SMB Datasheet HTML 3Page - List of Unclassifed Manufacturers AM55-0003SMB Datasheet HTML 4Page - List of Unclassifed Manufacturers AM55-0003SMB Datasheet HTML 5Page - List of Unclassifed Manufacturers AM55-0003SMB Datasheet HTML 6Page - List of Unclassifed Manufacturers AM55-0003SMB Datasheet HTML 7Page - List of Unclassifed Manufacturers AM55-0003SMB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Specifications Subject to Change Without Notice
V2.0
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
5
250 mW Power Amplifier with T/R and Diversity Switches
AM55-0003
Transmit/Receive Switch Performance1
Diversity Switch Performance1
1. All data measured with V
DD TR = VDD ANT = +5 V, T
A = +25°C.
2. Measured at 2.45 GHz at RF IN. Output measured at ANT 1 or ANT 2, with RF OUT and ANT COMMON terminated in 50
Ω.
T/R INSERTION LOSS/ISOLATION
(RECEIVE MODE)
2.0
2.2
2.4
2.6
2.8
3.0
0
-1
-2
-3
-4
-5
-5
-10
-15
-20
-25
-30
FREQUENCY (GHz)
T/R SWITCH MATCH (RECEIVE MODE)
2.0
2.2
2.4
2.6
2.8
3.0
0
-5
-10
-15
-20
FREQUENCY (GHz)
INPUT
OUTPUT
INPUT
OUTPUT
DIVERSITY SWITCH INSERTION
LOSS/ ISOLATION
2.0
2.2
2.4
2.6
2.8
3.0
0
-1
-2
-3
-4
-5
-5
-7
-9
-11
-13
-15
FREQUENCY (GHz)
DIVERSITY SWITCH MATCH
2.0
2.2
2.4
2.6
2.8
3.0
0
-5
-10
-15
-20
-25
FREQUENCY (GHz)
THIRD HARMONIC
SECOND HARMONIC
HARMONIC LEAKAGE AT ANT 1/ANT 2 @ 2.45 GHz 2
10
-7
-4
-1
2
-20
-30
-40
-50
-60
-70
-80
FUNDAMENTAL INPUT POWER (dBm)


Numéro de pièce similaire - AM55-0003SMB

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

Description similaire - AM55-0003SMB

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com