Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6653-125EBZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD6653-125EBZ
Description  IF Diversity Receiver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 7Page - Analog Devices AD6653-125EBZ Datasheet HTML 8Page - Analog Devices AD6653-125EBZ Datasheet HTML 9Page - Analog Devices AD6653-125EBZ Datasheet HTML 10Page - Analog Devices AD6653-125EBZ Datasheet HTML 11Page - Analog Devices AD6653-125EBZ Datasheet HTML 12Page - Analog Devices AD6653-125EBZ Datasheet HTML 13Page - Analog Devices AD6653-125EBZ Datasheet HTML 14Page - Analog Devices AD6653-125EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
AD6653
Rev. 0 | Page 11 of 80
tPD
tDCO
tH
tS
CLK+
DECIMATED
INTERLEAVED
CMOS DATA
CHANNEL B:
DATA
CHANNEL A:
DATA
CHANNEL B:
DATA
CHANNEL B:
DATA
CHANNEL A:
DATA
CHANNEL B:
FD BITS
CHANNEL A:
FD BITS
CHANNEL B:
FD BITS
CHANNEL B:
FD BITS
CHANNEL A:
FD BITS
DECIMATED
INTERLEAVED
FD DATA
DECIMATED
DCO
CHANNEL A:
DATA
CHANNEL A:
FD BITS
Figure 4. Decimated Interleaved CMOS Mode Data and Fast Detect Output Timing
tPD
tDCO
tH
tS
CLK+
DECIMATED
CMOS IQ
OUTPUT DATA
CHANNEL A/B:
I DATA
CHANNEL A/B:
Q DATA
CHANNEL A/B:
Q DATA
CHANNEL A/B:
I DATA
CHANNEL A/B:
Q DATA
CHANNEL A/B:
FD BITS
CHANNEL A/B:
FD BITS
CHANNEL A/B:
FD BITS
CHANNEL A/B:
FD BITS
CHANNEL A/B:
FD BITS
CMOS FD
DATA
DECIMATED
DCOA/DCOB
CHANNEL A/B:
I DATA
CHANNEL A/B:
FD BITS
Figure 5. Decimated IQ Mode CMOS Data and Fast Detect Output Timing
tPD
tDCO
CLK–
CLK+
LVDS
DATA
CHANNEL A:
DATA
CHANNEL B:
DATA
CHANNEL A:
DATA
LVDS
FAST DET
DCO–
DCO+
CHANNEL B:
DATA
CHANNEL A:
FD
CHANNEL B:
FD
CHANNEL A:
FD
CHANNEL B:
FD
CHANNEL A:
DATA
CHANNEL A:
FD
Figure 6. Decimated Interleaved LVDS Mode Data and Fast Detect Output Timing
tSSYNC
tHSYNC
SYNC
CLK+
Figure 7. SYNC Timing Inputs


Numéro de pièce similaire - AD6653-125EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
   Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PrJ 02/27/03
AD6650 AD-AD6650 Datasheet
755Kb / 45P
   GSM/EDGE Narrow-Band Receiver
AD6650/PCB AD-AD6650/PCB Datasheet
1Mb / 44P
   AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650/PCB AD-AD6650/PCB Datasheet
755Kb / 45P
   GSM/EDGE Narrow-Band Receiver
AD6650ABC AD-AD6650ABC Datasheet
1Mb / 44P
   AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
More results

Description similaire - AD6653-125EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com