Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1T45 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74AUP1T45
Description  Low-power dual supply translating transceiver; 3-state
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1T45 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1T45 Datasheet HTML 3Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 4Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 5Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 6Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 7Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 8Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 9Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 10Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
74AUP1T45_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 18 October 2006
7 of 33
NXP Semiconductors
74AUP1T45
Low-power dual supply translating transceiver; 3-state
Tamb = −40 °C to +85 °C
VIH
HIGH-level input
voltage
data input
[1][3]
VCCI = 1.1 V to 1.95 V
0.65
× V
CCI
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
DIR input
[1][4]
VCCI = 1.1 V to 1.95 V
0.65
× V
CC(A) --
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input
voltage
data input
[1][3]
VCCI = 1.1 V to 1.95 V
-
-
0.35
× V
CCI
V
VCCI = 2.3 V to 2.7 V
-
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.9
V
DIR input
[1][4]
VCCI = 1.1 V to 1.95 V
-
-
0.35
× VCC(A) V
VCCI = 2.3 V to 2.7 V
-
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level
output voltage
VI = VIH
IO = −20 µA;
VCC(A) =VCC(B) = 1.1 V to 3.6 V
[2] VCCO − 0.1
-
-
V
IO = −1.1 mA; VCC(A) = VCC(B) = 1.1 V
[2] 0.7
× VCCO
--
V
IO = −1.7 mA; VCC(A) = VCC(B) = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC(A) = VCC(B) = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC(A) = VCC(B) = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC(A) = VCC(B) = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC(A) = VCC(B) = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC(A) = VCC(B) = 3.0 V
2.55
-
-
V
VOL
LOW-level output
voltage
VI = VIL
IO = 20 µA; VCC(A) =VCC(B) = 1.1 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC(A) = VCC(B) = 1.1 V
[2] -
-
0.3
× VCCO
V
IO = 1.7 mA; VCC(A) = VCC(B) = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC(A) = VCC(B) = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC(A) = VCC(B) = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC(A) = VCC(B) = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC(A) = VCC(B) = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC(A) = VCC(B) = 3.0 V
-
-
0.45
V
II
input leakage
current
DIR input; VI = GND to VCC(A);
VCC(A) =VCC(B) = 1.1 V to 3.6 V
--
±0.5
µA
IOZ
OFF-state output
current
A or B port; VI = VIH or VIL; VO = 0 V to VCCO;
VCC(A) =VCC(B) = 1.1 V to 3.6 V
[2] --
±0.5
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74AUP1T45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T45GF NXP-74AUP1T45GF Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45GM NXP-74AUP1T45GM Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T45GM NEXPERIA-74AUP1T45GM Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results

Description similaire - 74AUP1T45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com