Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AS876NT Fiches technique(PDF) 10 Page - Texas Instruments |
|
SN74AS876NT Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 20 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) no Sb/Br) SN74AS874DWRE4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS874DWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS874NT ACTIVE PDIP NT 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74AS874NTE4 ACTIVE PDIP NT 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74AS876DW ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS876DWE4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS876DWG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS876DWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS876DWRE4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS876DWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS876NT ACTIVE PDIP NT 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74AS876NTE4 ACTIVE PDIP NT 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SNJ54ALS874BFK ACTIVE LCCC FK 28 1 TBD POST-PLATE N / A for Pkg Type SNJ54ALS874BJT ACTIVE CDIP JT 24 1 TBD A42 SNPB N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on PACKAGE OPTION ADDENDUM www.ti.com 9-Oct-2007 Addendum-Page 2 |
Numéro de pièce similaire - SN74AS876NT |
|
Description similaire - SN74AS876NT |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |