Moteur de recherche de fiches techniques de composants électroniques |
|
TMP3C6415EGLZ5E0 Fiches technique(PDF) 3 Page - Texas Instruments |
|
TMP3C6415EGLZ5E0 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 139 page TMS320C6414, TMS320C6415, TMS320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SPRS146L − FEBRUARY 2001 − REVISED JULY 2004 3 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PAGE(S) NO. ADDITIONS/CHANGES/DELETIONS 7 Description section: “The C6416 device has two high-performance embedded coprocessors [Viterbi Decoder Coprocessor (VCP) and Turbo Decoder Coprocessor (TCP)] that ...” paragraph Changed “The VCP operating at CPU clock divided-by-4 can decode over 500 7.95-Kbps adaptive multi-rate ...” sentence to “The VCP operating at CPU clock divided-by-4 can decode over 600 7.95-Kbps adaptive multi-rate ...” Changed “The TCP operating at CPU clock divided-by-2 can decode up to thirty-six 384-Kbps or six 2-Mbps turbo encoded channels ...” sentence to “The TCP operating at CPU clock divided-by-2 can decode up to forty-three 384-Kbps or seven 2-Mbps turbo encoded channels ...” 16 L2 architecture expanded section: Added new section Added Figure 2, TMS320C6414/C6415/C6416 L2 Architecture Memory Configuration 18 Peripheral register descriptions section: Table 6, L2 Cache Registers: Updated the “ACRONYM” and “REGISTER NAME” columns for the “0184 4000 through 0184 5004” HEX ADDRESS RANGE Added rows “0184 4018” and “0184 401C” Changed the “0184 4038 − 0184 4FFC” HEX ADDRESS RANGE for the “Reserved” row to “0184 4038 − 0184 4044” Added rows “0184 4048” and “0184 404C” Added “Reserved” row “0184 4050 − 0184 4FFC” 22 Peripheral register descriptions section: EDMA Parameter RAM table: Updated associated table footnote from “The C64x device ...” to “The C6414/C6415/C6416 device ...” 66 Added “device support” section title (new) 66−67 Device and development-support tool nomenclature section: Updated/changed “Table 30 displays the device part numbers and ordering information for ...” paragraph Deleted Table 30, TMS320C6414/C6415/C6416 Device Part Numbers (P/Ns) and Ordering Information Deleted the “TMX and TMP devices and TMDX development-support tools are shipped with ...” paragraph Figure 5, TMS320C64x DSP Device Nomenclature (Including the C6414, C6415, and C6416 Devices): Updated/changed the “For the actual device part numbers (P/Ns) and ordering information, ...” footnote Added, below Figure 5, “For additional information, see the TMS320C6414, TMS320C6415, and TMS320C6416 Digital Signal Processors Silicon Errata (literature number SPRZ011)” paragraph (new) 68 Documentation support section: Updated/moved the “How To Begin Development Today With the TMS320C6414, TMS320C6415, and TMS320C6416 DSPs application report (literature number SPRA718)” document reference 76 Power-supply decoupling section: Updated/changed the “In order to properly decouple the supply planes from system noise, place as many capacitors ...” paragraph Added two subsequent paragraphs 78 Reset section: Added new section 77 IEEE 1149.1 JTAG compatibility statement section: Updated/added paragraphs for clarity |
Numéro de pièce similaire - TMP3C6415EGLZ5E0 |
|
Description similaire - TMP3C6415EGLZ5E0 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |