Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9238BCPZRL-40 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9238BCPZRL-40
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9238BCPZRL-40 Fiches technique(HTML) 5 Page - Analog Devices

  AD9238BCPZRL-40 Datasheet HTML 1Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 2Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 3Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 4Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 5Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 6Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 7Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 8Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD9238
Rev. B | Page 5 of 48
AC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 2.
Test
AD9238BST/BCP-20
AD9238BST/BCP-40
AD9238BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 2.4 MHz
25°C
V
70.4
70.4
70.3
dB
fINPUT = 9.7 MHz
Full
V
70.2
dB
25°C
IV
69.7
70.4
dB
fINPUT = 19.6 MHz
Full
V
70.1
dB
25°C
IV
69.7
70.3
dB
fINPUT = 32.5 MHz
Full
V
69.3
dB
25°C
IV
68.7
70.0
dB
fINPUT = 100 MHz
25°C
V
68.7
68.3
67.6
dB
SIGNAL-TO-NOISE AND DISTORTION
RATIO (SINAD)
fINPUT = 2.4 MHz
25°C
V
70.2
70.2
70.1
dB
fINPUT = 9.7 MHz
Full
V
70.1
dB
25°C
IV
69.3
70.2
dB
fINPUT = 19.6 MHz
Full
V
69.9
dB
25°C
IV
69.4
70.1
dB
fINPUT = 32.5 MHz
Full
V
68.9
dB
25°C
IV
68.1
69.1
dB
fINPUT = 100 MHz
25°C
V
67.9
67.9
66.6
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fINPUT = 2.4 MHz
25°C
V
11.5
11.5
11.4
Bits
fINPUT = 9.7 MHz
Full
V
11.4
Bits
25°C
IV
11.3
11.5
Bits
fINPUT = 19.6 MHz
Full
V
11.4
Bits
25°C
IV
11.3
11.4
Bits
fINPUT = 32.5 MHz
Full
V
11.2
Bits
25°C
IV
11.1
11.3
Bits
fINPUT = 100 MHz
25°C
V
11.1
11.1
10.9
Bits
WORST HARMONIC (SECOND or THIRD)
fINPUT = 9.7 MHz
Full
V
−84.0
dBc
fINPUT = 19.6 MHz
Full
V
−85.0
dBc
fINPUT = 35 MHz
Full
V
−80.0
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fINPUT = 2.4 MHz
25°C
V
86.0
86.0
86.0
dBc
fINPUT = 9.7 MHz
Full
V
84.0
dBc
25°C
I
76.1
86.0
dBc
fINPUT = 19.6 MHz
Full
V
85.0
dBc
25°C
I
76.7
86.0
dBc
fINPUT = 32.5 MHz
Full
V
80.0
dBc
25°C
I
72.5
80.5
dBc
fINPUT = 100 MHz
25°C
V
75.0
dBc
CROSSTALK
Full
V
−85.0
−85.0
−85.0
dB


Numéro de pièce similaire - AD9238BCPZRL-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9238BCPZRL-40 AD-AD9238BCPZRL-40 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Description similaire - AD9238BCPZRL-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com