Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7148ACPZ-1REEL Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7148ACPZ-1REEL
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7148ACPZ-1REEL Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7148ACPZ-1REEL Datasheet HTML 4Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 5Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 6Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 7Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 8Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 9Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 10Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 11Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD7148
Rev. 0 | Page 8 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
935
795
2.6
3.7
VCC (V)
915
895
875
855
835
815
2.72.82.93.03.13.23.33.43.53.6
DECIMATION = 256
DECIMATION = 128
DECIMATION = 64
Figure 5. Supply Current vs. Supply Voltage
180
0
2.5
3.7
VCC (V)
160
140
120
100
80
60
40
20
200ms
400ms
600ms
800ms
2.72.93.13.3
3.5
Figure 6. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 256
0.12
0
2.5
3.7
VCC (V)
0.10
0.08
0.06
0.04
0.02
400ms
800ms
600ms
200ms
2.7
2.9
3.1
3.3
3.5
Figure 7. Low Power Supply Current vs. Supply Voltage
Decimation Rate = 128
2.5
0
2.7
VCC (V)
2.0
1.5
1.0
0.5
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 8. Shutdown Supply Current vs. Supply Voltage
70
0
VCC (V)
60
50
40
30
20
10
600ms
800ms
200ms
400ms
2.5
3.7
2.72.93.13.3
3.5
Figure 9. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 64
1150
900
0
ACSHIELD CAPACITIVE LOAD (pF)
1100
1050
1000
950
100
200
300
400
500
Figure 10. Supply Current vs. Capacitive Load on CIN


Numéro de pièce similaire - AD7148ACPZ-1REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7142 AD-AD7142 Datasheet
1Mb / 68P
   Programmable Capacitance-to-Digital Converter with Environmental Compensation
REV. 0
AD7142 AD-AD7142 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142ACPZ-1500RL7 AD-AD7142ACPZ-1500RL7 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142ACPZ-1500RL71 AD-AD7142ACPZ-1500RL71 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Description similaire - AD7148ACPZ-1REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com