Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN50FC3MPX Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN50FC3MPX
Description  8-Bit Programmable, 2- to 3-Phase FastvCore??Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN50FC3MPX Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN50FC3MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN50FC3 Rev. 1.0.0
8 of 21
Electrical Characteristics (Continued)
VCC = 12V, FBRTN = GND, and TA = +25°C. The • denotes specifications which apply over the full operating
temperature range.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
Power-Good Comparator (Continued)
VCROWBAR
Crowbar Trip Point
Relative to Nominal DAC Output
• 100
150
200
mV
VCR_RST
Crowbar Reset Point
Relative to FBRTN
• 250
300
350
mV
t1CROWBAR
Crowbar Delay Time 1
VID Code Change
Over-Voltage to PWM Going LOW
Crowbar Blanking Time
• 100
250
µs
t2CROWBAR
Crowbar Delay Time 2
VID Code Static
Over-Voltage to PWM going LOW
Crowbar Blanking Time
400
ns
PWM Outputs
VOL(VRTM)
Output Voltage Low
IPWM(SINK) = 400µA
160
400
mV
VOH(VRTM)
Output Voltage High
IPWM(SOURCE) = 400µA
4
5
V
VDIS
Phase Disable Voltage
Applicable to PWM3 pins only.
Connect this pin to VCC to disable
the phase.
(4)
• VCC -.1
V
Input Supply
IDC
DC Supply Current
EN = Logic HIGH
8
12
mA
VUVLO
UVLO Threshold
VCC Rising
6.5
6.9
7.3
V
VUVLO_HYS
UVLO Hysteresis
0.7
0.9
1.1
V
Notes:
2.
Limits at operating temperature extremes are guaranteed by design, characterization, and statistical quality control.
3.
AC specifications are guaranteed by design and characterization; not production tested.
4.
To operate the FAN50FC3 with fewer than three phases, PWM3 should be connected to VCC to disable this
phase. See the Theory of Operation section for details.


Numéro de pièce similaire - FAN50FC3MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009M FAIRCHILD-FAN5009M Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009MPX FAIRCHILD-FAN5009MPX Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009MX FAIRCHILD-FAN5009MX Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

Description similaire - FAN50FC3MPX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com