Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA41-400B Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce BTA41-400B
Description  STANDARD TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA41-400B Fiches technique(HTML) 5 Page - STMicroelectronics

  BTA41-400B Datasheet HTML 1Page - STMicroelectronics BTA41-400B Datasheet HTML 2Page - STMicroelectronics BTA41-400B Datasheet HTML 3Page - STMicroelectronics BTA41-400B Datasheet HTML 4Page - STMicroelectronics BTA41-400B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Fig.11 : On-state characteristics (maximum values).
PACKAGE MECHANICAL DATA
TOP 3
Plastic
Cooling method : C
Marking : type number
Weight : 4.7 g
Recommended torque value : 0.8 m.N.
Maximum torqur value : 1 m.N.
H
R4.6
C
A
G
D
B
P
NN
L
M
J
I
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
15.10
15.50
0.594
0.611
B
20.70
21.10
0.814
0.831
C
14.30
15.60
0.561
0.615
D
16.10
16.50
0.632
0.650
G
3.40
-
0.133
-
H
4.40
4.60
0.173
0.182
I
4.08
4.17
0.161
0.164
J
1.45
1.55
0.057
0.062
L
0.50
0.70
0.019
0.028
M
2.70
2.90
0.106
0.115
N
5.40
5.65
0.212
0.223
P
1.20
1.40
0.047
0.056
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems
without express writt en approval of SGS-THOMSON Microelectronics.
© 1995 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Nether-
lands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
BTA41 A/B / BTB41 B
5/5


Numéro de pièce similaire - BTA41-400B

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BTA41-400B ISC-BTA41-400B Datasheet
220Kb / 1P
   isc Thyristors
More results

Description similaire - BTA41-400B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
   STANDARD TRIACS
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
   STANDARD TRIACS
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
   STANDARD TRIACS
JANUARY 1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
   STANDARD TRIACS
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
   STANDARD TRIACS
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com