Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KD1084AXX25 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce KD1084AXX25
Description  5 A low drop positive voltage regulator adjustable and fixed
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084AXX25 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button KD1084AXX25 Datasheet HTML 7Page - STMicroelectronics KD1084AXX25 Datasheet HTML 8Page - STMicroelectronics KD1084AXX25 Datasheet HTML 9Page - STMicroelectronics KD1084AXX25 Datasheet HTML 10Page - STMicroelectronics KD1084AXX25 Datasheet HTML 11Page - STMicroelectronics KD1084AXX25 Datasheet HTML 12Page - STMicroelectronics KD1084AXX25 Datasheet HTML 13Page - STMicroelectronics KD1084AXX25 Datasheet HTML 14Page - STMicroelectronics KD1084AXX25 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
KD1084Axx
Electrical characteristics
11/22
Table 8.
Electrical characteristics of KD1084#25 (VI = 5.5 V, CI = CO = 10 µF (tant.),
TA = -40 to 125°C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 0 mA, TJ = 25°C
2.45
2.5
2.55
V
IO = 0 to 5A, VI = 4.1 to 10V
2.425
2.5
2.575
V
ΔVO
Line regulation
IO = 0 mA, VI = 4.1 to 10V TJ = 25°C
0.5
6
mV
IO = 0 mA, VI = 4.1 to 10V
1
6
mV
ΔVO
Load regulation
IO = 0 to 5A, TJ = 25°C
3
15
mV
IO = 0 to 5A
7
20
V
Vd
Dropout voltage
IO = 5 A
1.3
1.5
V
Iq
Quiescent current
VI ≤10V
5
10
mA
Isc
Short circuit current
VI - VO = 5V
5.5
7
A
Thermal regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply voltage rejection
f = 120 Hz, CO = 25µF, IO = 5A
VI = 6 ± 1.5V
60
72
dB
eN
RMS Output noise voltage
(% of VO)
TA = 25°C, f = 10Hz to 10kHz
0.003
%
S
Temperature stability
0.5
%
S
Long term stability
TA = 125°C, 1000Hrs
0.5
%
Table 9.
Electrical characteristics of KD1084#33 (VI = 5.85 V, CI = CO = 10 µF (tant.),
TA = -40 to 125°C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 0 mA, TJ = 25°C
3.234
3.3
3.366
V
IO = 0 to 5A, VI = 4.9 to 10V
3.2
3.3
3.4
V
ΔVO
Line regulation
IO = 0 mA, VI = 4.9 to 10V TJ = 25°C
0.5
6
mV
IO = 0 mA, VI = 4.9 to 10V
1
6
mV
ΔVO
Load regulation
IO = 0 to 5A, TJ = 25°C
3
15
mV
IO = 0 to 5A
7
20
V
Vd
Dropout voltage
IO = 5 A
1.3
1.5
V
Iq
Quiescent current
VI ≤10V
5
10
mA
Isc
Short circuit current
VI - VO = 5V
5.5
7
A
Thermal regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply voltage rejection
f = 120 Hz, CO = 25µF, IO = 5A
VI = 6.8 ± 1.5V
60
72
dB
eN
RMS Output noise voltage
(% of VO)
TA = 25°C, f = 10Hz to 10kHz
0.003
%
S
Temperature stability
0.5
%
S
Long term stability
TA = 125°C, 1000Hrs
0.5
%


Numéro de pièce similaire - KD1084AXX25

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
KD1084AXX STMICROELECTRONICS-KD1084AXX Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX STMICROELECTRONICS-KD1084AXX Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX18 STMICROELECTRONICS-KD1084AXX18 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX18 STMICROELECTRONICS-KD1084AXX18 Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX33 STMICROELECTRONICS-KD1084AXX33 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
More results

Description similaire - KD1084AXX25

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
LD1084XX STMICROELECTRONICS-LD1084XX Datasheet
781Kb / 19P
   5 A low drop positive voltage regulator adjustable and fixed
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1085XX STMICROELECTRONICS-LD1085XX Datasheet
941Kb / 27P
   3 A low drop positive voltage regulator adjustable and fixed
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com