Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC11590 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce 74AC11590
Description  8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74AC11590 Fiches technique(HTML) 1 Page - Texas Instruments

  74AC11590 Datasheet HTML 1Page - Texas Instruments 74AC11590 Datasheet HTML 2Page - Texas Instruments 74AC11590 Datasheet HTML 3Page - Texas Instruments 74AC11590 Datasheet HTML 4Page - Texas Instruments 74AC11590 Datasheet HTML 5Page - Texas Instruments 74AC11590 Datasheet HTML 6Page - Texas Instruments 74AC11590 Datasheet HTML 7Page - Texas Instruments 74AC11590 Datasheet HTML 8Page - Texas Instruments 74AC11590 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74AC11590
8-BIT BINARY COUNTER
WITH REGISTERED 3-STATE OUTPUTS
SCAS194 – D3988, MARCH 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
Parallel Registered Outputs
Internal Counters Have Direct Clear
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The 74AC11590 contains an 8-bit binary counter that feeds an 8-bit storage register. The storage register has
parallel outputs. Separate clocks are provided for both the binary counter and storage register.
The binary counter features a direct clear (CCLR) input and a count-enable (CCKEN) input. For cascading, a
ripple-carry (RCO) output is provided. Expansion is easily accomplished for two stages by connecting RCO of
the first stage to CCKEN of the second stage. Cascading for larger count chains can be accomplished by
connecting RCO of each stage to CCK of the following stage.
Both the register and the counter have individual positive-edge-triggered clocks. If both clocks are connected
together, the counter state is always one count ahead of the register. Internal circuitry prevents clocking from
the clock enable.
The 74AC11590 is characterized for operation from – 40
°C to 85°C.
logic symbol
CTR8
C2
13
RCK
12
4
EN3
14
1+
19
CCK
G1
18
CT = 0
17
CCLR
CCKEN
OE
RCO
2D
20
1
2
3
8
9
10
11
3
QA
QB
QC
QD
QE
QF
QG
QH
(CT = 255) Z4
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
QB
QC
QD
GND
GND
GND
GND
QE
QF
QG
QA
CCK
CCKEN
CCLR
VCC
VCC
OE
RCK
RCO
QH
DW OR N PACKAGE
(TOP VIEW)


Numéro de pièce similaire - 74AC11590

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC11590 TI1-74AC11590 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DW TI1-74AC11590DW Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DWR TI1-74AC11590DWR Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590N TI1-74AC11590N Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
More results

Description similaire - 74AC11590

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Texas Instruments
74ACT11590 TI1-74ACT11590_16 Datasheet
689Kb / 17P
[Old version datasheet]   8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
74ACT11590 TI1-74ACT11590 Datasheet
411Kb / 15P
[Old version datasheet]   8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com