Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCZ254-17S Fiches technique(PDF) 1 Page - YEONHO ELECTRONICS

No de pièce FCZ254-17S
Description  PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEONHO [YEONHO ELECTRONICS]
Site Internet  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

FCZ254-17S Fiches technique(HTML) 1 Page - YEONHO ELECTRONICS

  FCZ254-17S Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 250V
Current Rating
AC/DC 1A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC1000V/1min
Insulation Resistance
1000M
MIN
Applicable Wire
-
Applicable P.C.B
1.2 ~ 1.6mm
Applicable FPC/FFC
0.30±0.03mm
Solder Height
-
Crimp Tensile Strength
-
UL FILE NO
E108706
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
DDDD
FCZ254-08S
30.34 23.12 17.78 0.7(1.2)
FCZ254-09S
32.88 25.66 20.32 0.7(1.2)
FCZ254-10S
35.42 28.20 22.86 0.7(1.2)
FCZ254-11S
37.96 30.74 25.40 0.7(1.2)
FCZ254-12S
40.50 33.28 27.94 0.7(1.2)
FCZ254-13S
43.04 35.82 30.48 0.7(1.2)
FCZ254-14S
45.58 38.36 33.02 1.2(0.7)
FCZ254-16S
50.66 43.44 38.10 0.7(1.2)
FCZ254-17S
53.20 45.98 40.64 0.7(1.2)
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com 51
51
51
51
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
P.B.T, UL94V-0
2
ACTUATOR P.B.T, UL94V-0
3
TERMINAL
Phosphor Bronze, Tin-plated
PCB
PCB
PCB
PCB LAYOUT
LAYOUT
LAYOUT
LAYOUT (FCZ254-
(FCZ254-
(FCZ254-
(FCZ254-NNS)
NNS)
NNS)
NNS)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (FCZ254
(FCZ254
(FCZ254
(FCZ254-NNS)
-NNS)
-NNS)
-NNS)


Numéro de pièce similaire - FCZ254-17S

FabricantNo de pièceFiches techniqueDescription
logo
YEONHO ELECTRONICS
FCZ254-17S YEONHO-FCZ254-17S Datasheet
256Kb / 1P
   2.54mm PITCH CONNECTOR
More results

Description similaire - FCZ254-17S

FabricantNo de pièceFiches techniqueDescription
logo
YEONHO ELECTRONICS
FCZ254-07DL YEONHO-FCZ254-07DL Datasheet
1Mb / 1P
   PITCH CONNECTOR
20010WR YEONHO-20010WR Datasheet
232Kb / 1P
   2.00mm PITCH CONNECTOR
YMAW025 YEONHO-YMAW025 Datasheet
220Kb / 1P
   2.50mm PITCH CONNECTOR
YMT025R YEONHO-YMT025R Datasheet
142Kb / 1P
   2.50mm PITCH CONNECTOR
YBNH250 YEONHO-YBNH250 Datasheet
207Kb / 1P
   2.50mm PITCH CONNECTOR
YBST200 YEONHO-YBST200 Datasheet
147Kb / 1P
   2.00mm PITCH CONNECTOR
YDAW200 YEONHO-YDAW200 Datasheet
237Kb / 1P
   2.00mm PITCH CONNECTOR
YDT157 YEONHO-YDT157 Datasheet
204Kb / 1P
   5.00mm PITCH CONNECTOR
YDT236-SEB YEONHO-YDT236-SEB Datasheet
182Kb / 1P
   8.00mm PITCH CONNECTOR
YDW200 YEONHO-YDW200 Datasheet
238Kb / 1P
   2.00mm PITCH CONNECTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com