Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

12520HS-10 Fiches technique(PDF) 1 Page - YEONHO ELECTRONICS

No de pièce 12520HS-10
Description  1.25mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEONHO [YEONHO ELECTRONICS]
Site Internet  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

12520HS-10 Fiches technique(HTML) 1 Page - YEONHO ELECTRONICS

  12520HS-10 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
1
1
Yeonho
Yeonho
Yeonho
Yeonho Electronics
Electronics
Electronics
Electronics
http://
http://
http://
http://www.yeonho.com
www.yeonho.com
www.yeonho.com
www.yeonho.com
1.25mm
1.25mm
1.25mm
1.25mm
(0.049'') PITCH CONNECTOR
(0.049'') PITCH CONNECTOR
(0.049'') PITCH CONNECTOR
(0.049'') PITCH CONNECTOR
12520HS-NN
FPC/FFC
Connectors
Housing
Phosphor Bronze, Tin-plated
TERMINAL
2
PBT, UL94V-0
HOUSING
1
MATERIAL
MATERIAL
MATERIAL
MATERIAL
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
I/NO
I/NO
I/NO
I/NO
Material
Material
Material
Material
PCB LAYOUT
PCB LAYOUT
PCB LAYOUT
PCB LAYOUT
PCB ASS
PCB ASS
PCB ASS
PCB ASS
‘‘‘‘Y
Y
Y
Y
5.0
7.6
10.0
12520HS-10
C
C
C
C
B
B
B
B
A
A
A
A
PARTS NO.
PARTS NO.
PARTS NO.
PARTS NO.
Available Pin
Available Pin
Available Pin
Available Pin
SECTION A
SECTION A
SECTION A
SECTION A A
A
A
A″
″″
-
UL FILE NO
-
Crimp Tensile Strength
-
Solder Height
0.3
±0.03mm
Applicable FPC/FFC
1.2 ~ 1.6mm
Applicable P.C.B
-
Applicable Wire
500MΩ MIN
Insulation Resistance
AC250V/1min
Withstanding Voltage
30mΩ MAX
Contact Resistance
-25℃~+85℃
Operating Temperature
AC/DC 1A
Current Rating
AC/DC 250V
Voltage Rating
SPEC
SPEC
SPEC
SPEC
ITEM
ITEM
ITEM
ITEM
Specification
Specification
Specification
Specification


Numéro de pièce similaire - 12520HS-10

FabricantNo de pièceFiches techniqueDescription
logo
YEONHO ELECTRONICS
12520HS-09000 YEONHO-12520HS-09000 Datasheet
350Kb / 1P
   1.25mm PITCH CONNECTOR
More results

Description similaire - 12520HS-10

FabricantNo de pièceFiches techniqueDescription
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
12507WR YEONHO-12507WR Datasheet
299Kb / 1P
   1.25mm PITCH CONNECTOR
12511HB YEONHO-12511HB Datasheet
652Kb / 1P
   1.25mm PITCH CONNECTOR
12513HS YEONHO-12513HS Datasheet
350Kb / 1P
   1.25mm PITCH CONNECTOR
12521HS YEONHO-12521HS Datasheet
227Kb / 1P
   1.25mm PITCH CONNECTOR
12507WR-NNL YEONHO-12507WR-NNL Datasheet
392Kb / 1P
   1.25mm PITCH CONNECTOR
12521TS YEONHO-12521TS Datasheet
144Kb / 1P
   1.25mm PITCH CONNECTOR
12517HS-06 YEONHO-12517HS-06_07 Datasheet
242Kb / 1P
   1.25mm PITCH CONNECTOR
12516HS-04 YEONHO-12516HS-04_06 Datasheet
1Mb / 1P
   1.25mm PITCH CONNECTOR
12505TS YEONHO-12505TS Datasheet
223Kb / 1P
   1.25mm PITCH CONNECTOR
12505WS YEONHO-12505WS Datasheet
400Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com