Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS640CB-TR Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STPS640CB-TR
Description  Power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS640CB-TR Fiches technique(HTML) 2 Page - STMicroelectronics

  STPS640CB-TR Datasheet HTML 1Page - STMicroelectronics STPS640CB-TR Datasheet HTML 2Page - STMicroelectronics STPS640CB-TR Datasheet HTML 3Page - STMicroelectronics STPS640CB-TR Datasheet HTML 4Page - STMicroelectronics STPS640CB-TR Datasheet HTML 5Page - STMicroelectronics STPS640CB-TR Datasheet HTML 6Page - STMicroelectronics STPS640CB-TR Datasheet HTML 7Page - STMicroelectronics STPS640CB-TR Datasheet HTML 8Page - STMicroelectronics STPS640CB-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS640C
2/9
1
Characteristics
When the diodes 1 and 2 are used simultaneously :
ΔTj(diode 1) = P(diode1) x R
th(j-c)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.42 x IF(AV) + 0.050 IF
2
(RMS)
Table 1.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS) RMS forward voltage
TO-220AB /TO-220FPAB
10
A
DPAK
6
IF(AV)
Average forward current
δ = 0.5
TO-220AB
Tc = 135° C
3A
TO-220FPAB
Tc = 130° C
DPAK
Tc = 120° C
IFSM
Surge non repetitive forward
current
tp = 10 ms Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2 µs square F = 1 kHz
1
A
PARM
Repetitive peak avalanche power tp = 1 µs Tj = 25° C
1300
W
Tstg
Storage temperature range
-65 to + 150
° C
Tj
Maximum operating junction temperature
150
° C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB / DPAK
Per diode
Total
5.5
3
°C/W
TO-220FPAB
Per diode
Total
5.5
5.2
Rth(c)
Coupling
TO-220AB
0.5
°C/W
TO-220FPAB
3
Table 3.
Static electrical characteristics (per diode)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs,
δ < 2%
Reverse leakage current
Tj = 25° C
VR = VRRM
100
µA
Tj = 125° C
2
10
mA
VF
(1)
Forward voltage drop
Tj = 25° C
IF = 3 A
0.63
V
Tj = 25° C
IF = 6 A
0.84
Tj = 125° C
IF = 3 A
0.5
0.57
Tj = 125° C
IF = 6 A
0.67
0.72


Numéro de pièce similaire - STPS640CB-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS640CB-TR STMICROELECTRONICS-STPS640CB-TR Datasheet
75Kb / 6P
   POWER SCHOTTKY RECTIFIER
More results

Description similaire - STPS640CB-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com