Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320C6415DGLZA300 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TMP320C6415DGLZA300
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6415DGLZA300 Fiches technique(HTML) 2 Page - Texas Instruments

  TMP320C6415DGLZA300 Datasheet HTML 1Page - Texas Instruments TMP320C6415DGLZA300 Datasheet HTML 2Page - Texas Instruments TMP320C6415DGLZA300 Datasheet HTML 3Page - Texas Instruments TMP320C6415DGLZA300 Datasheet HTML 4Page - Texas Instruments TMP320C6415DGLZA300 Datasheet HTML 5Page - Texas Instruments TMP320C6415DGLZA300 Datasheet HTML 6Page - Texas Instruments TMP320C6415DGLZA300 Datasheet HTML 7Page - Texas Instruments TMP320C6415DGLZA300 Datasheet HTML 8Page - Texas Instruments TMP320C6415DGLZA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
TMS320C6414, TMS320C6415, TMS320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS146L − FEBRUARY 2001 − REVISED JULY 2004
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table of Contents
reset
78
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
absolute maximum ratings over operating case
temperature range
79
. . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
79
. . . . . . . . . . . . . . . .
electrical characteristics over recommended ranges of
supply voltage and operating case temperature
80
.
recommended clock and control signal transition
behavior
80
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
parameter measurement information
81
. . . . . . . . . . . . . . .
input and output clocks
83
. . . . . . . . . . . . . . . . . . . . . . . . . . .
asynchronous memory timing
87
. . . . . . . . . . . . . . . . . . . . .
programmable synchronous interface timing
91
. . . . . . . .
synchronous DRAM timing
96
. . . . . . . . . . . . . . . . . . . . . . . .
HOLD/HOLDA timing
106
. . . . . . . . . . . . . . . . . . . . . . . . . . .
BUSREQ timing
107
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
reset timing
108
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
external interrupt timing
110
. . . . . . . . . . . . . . . . . . . . . . . . .
host-port interface (HPI) timing
111
. . . . . . . . . . . . . . . . . . . .
peripheral component interconnect (PCI) timing
[C6415 and C6416 only]
116
. . . . . . . . . . . . . . . . . . . .
multichannel buffered serial port (McBSP) timing
119
. . . .
UTOPIA slave timing [C6415 and C6416 only]
130
. . . . . .
timer timing
133
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
general-purpose input/output (GPIO) port timing
134
. . . .
JTAG test-port timing
135
. . . . . . . . . . . . . . . . . . . . . . . . . . .
mechanical data
136
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
revision history
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GLZ and ZLZ BGA packages (bottom view)
6
. . . . . . . . . . . . .
description
7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device characteristics
8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device compatibility
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
functional block and CPU (DSP core) diagram
10
. . . . . . . . . .
CPU (DSP core) description
11
. . . . . . . . . . . . . . . . . . . . . . . . .
memory map summary
14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
peripheral register descriptions
17
. . . . . . . . . . . . . . . . . . . . . . .
EDMA channel synchronization events
30
. . . . . . . . . . . . . . . .
interrupt sources and interrupt selector
32
. . . . . . . . . . . . . . . .
signal groups description
34
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
device configurations
39
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
multiplexed pins
43
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
debugging considerations
43
. . . . . . . . . . . . . . . . . . . . . . . . . . .
terminal functions
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
development support
65
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device support
66
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
clock PLL
69
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
general-purpose input/output (GPIO)
72
. . . . . . . . . . . . . . . . . .
power-down mode logic
73
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply sequencing
75
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply decoupling
76
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
IEEE 1149.1 JTAG compatibility statement
77
. . . . . . . . . . . . .
EMIF device speed
77
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
bootmode
78
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS146K device-specific data
sheet to make it an SPRS146L revision.
Scope: Applicable updates to the C64x device family, specifically relating to the C6414, C6415, and C6416
devices, have been incorporated. Added C6414, C6415, and C6416 silicon revision 2.0 devices and associated
device-specific information at the production data (PD) stage of development.
The extended temperature devices for silicon revision 2.0 (C641x A-5E0, C641xA-6E3) are at the advance infor-
mation (AI) stage of development. All other devices are at the Production Data (PD) stage of development.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
1
Features:
Changed the Viterbi Decoder Coprocessor (VCP) [C6416] sub-bullet from “Supports Over 500 7.95-Kbps AMR” to
“Supports Over 600 7.95-Kbps AMR”
Changed the Turbo Decoder Coprocessor (TCP) [C6416] sub-bullet from “Supports up to Six 2-Mbps 3GPP (6 Iterations)”
to “Supports up to 7 2-Mbps or 43 384-Kbps 3GPP (6 Iterations)”
7
Description section:
“With performance of up to 5760 million instructions per second (MIPS) ...” paragraph
Changed “The C64x can produce four 32-bit multiply-accumulates (MACs) per ...” sentence to “The C64x can produce four
16-bit multiply-accumulates (MACs) per ...”


Numéro de pièce similaire - TMP320C6415DGLZA300

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP320C6415GFN100 TI-TMP320C6415GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6415GFNA100 TI-TMP320C6415GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6415GGP100 TI-TMP320C6415GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6415GGPA100 TI-TMP320C6415GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6415GHK100 TI-TMP320C6415GHK100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Description similaire - TMP320C6415DGLZA300

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com