Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA18 Fiches technique(PDF) 5 Page - DAESAN ELECTRONIC CORP.

No de pièce SA18
Description  POWER 500Watts VOLTAGE 5.0 to 170 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAESAN [DAESAN ELECTRONIC CORP.]
Site Internet  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SA18 Fiches technique(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  SA18 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SA18 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SA18 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SA18 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. SA18 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. SA18 Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
0.5
1
10
50
0.1
1.0
10
100
0.5
1
10
50
0.1
1.0
10
100
0.5
1
10
50
0.1
1.0
10
100
0.5
1
10
50
0.1
1.0
10
100
F ig. 7Ð Incremental C lamping Voltage
C urve Unidirectional
F ig. 8Ð Incremental C lamping Voltage
C urve Unidirectional
F ig. 9Ð Incremental C lamping Voltage
C urve B idirectional
F ig. 10Ð Incremental C lamping Voltage
C urve B idirectional
Waveform:
8 x 20 Impulse
V C = V C - V (BR )
Waveform:
8 x 20 Impulse
V C = V C - V (BR )
Waveform:
10 x 1000 Impulse
V C = V C - V (BR )
Waveform:
10 x 1000 Impulse
V C = V C - V (BR )
IPP, Peak P ulse C urrent (A)
IPP, Peak P ulse C urrent (A)
IPP, Peak P ulse C urrent (A)
IPP, Peak P ulse C urrent (A)
S A170
S A110
S A170
S A110
S A70
S A40
S A24
S A15
S A70
S A54
S A40
S A30
S A24
S A18
S A15
S A12
S A5.0
S A5.0
S A9.0
S A170
S A110
S A70
S A30
S A40
S A60
S A24
S A15
S A9.0
S A6.5
S A170
S A110
S A70
S A40
S A24
S A15
S A9.0
S A6.5
S A9.0


Numéro de pièce similaire - SA18

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SA18 PANJIT-SA18 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA18 CHONGQING-SA18 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA18 FCI-SA18 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA18 LUGUANG-SA18 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA18 WTE-SA18 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Description similaire - SA18

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com