Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBTLV1G125DCKR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CBTLV1G125DCKR
Description  LOW-VOLTAGE SINGLE FET BUS SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV1G125DCKR Fiches technique(HTML) 1 Page - Texas Instruments

  SN74CBTLV1G125DCKR Datasheet HTML 1Page - Texas Instruments SN74CBTLV1G125DCKR Datasheet HTML 2Page - Texas Instruments SN74CBTLV1G125DCKR Datasheet HTML 3Page - Texas Instruments SN74CBTLV1G125DCKR Datasheet HTML 4Page - Texas Instruments SN74CBTLV1G125DCKR Datasheet HTML 5Page - Texas Instruments SN74CBTLV1G125DCKR Datasheet HTML 6Page - Texas Instruments SN74CBTLV1G125DCKR Datasheet HTML 7Page - Texas Instruments SN74CBTLV1G125DCKR Datasheet HTML 8Page - Texas Instruments SN74CBTLV1G125DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
V
CC
3
2
4
5
1
OE
B
A
GND
DBVPACKAGE
(TOP VIEW)
3
2
4
5
1
OE
V
CC
B
A
GND
Seemechanicaldrawingsfordimensions.
DCKPACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
OE
B
A
SW
2
1
4
SN74CBTLV1G125
LOW-VOLTAGE SINGLE FET BUS SWITCH
SCDS057H – MARCH 1998 – REVISED JUNE 2006
5-
Ω Switch Connection Between Two Ports
I
off Supports Partial-Power-Down Mode
Operation
Rail-to-Rail Switching on Data I/O Ports
The SN74CBTLV1G125 features a single high-speed line switch. The switch is disabled when the output-enable
(OE) input is high.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
SOT (SOT-23) – DBV
Reel of 3000
SN74CBTLV1G125DBVR
V25_
–40°C to 85°C
SOT (SC-70) – DCK
Reel of 3000
SN74CBTLV1G125DCKR
VM_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
INPUT
FUNCTION
OE
L
A port = B port
H
Disconnect
LOGIC DIAGRAM (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - SN74CBTLV1G125DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTLV1G125DCKR TI-SN74CBTLV1G125DCKR Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125DCKR TI-SN74CBTLV1G125DCKR Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
More results

Description similaire - SN74CBTLV1G125DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_10 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI-SN74CBTLV1G125-Q1_15 Datasheet
321Kb / 11P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_15 Datasheet
582Kb / 13P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI1-SN74CBTLV1G125-Q1 Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com