Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC7266 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC7266
Description  High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7266 Fiches technique(HTML) 1 Page - Texas Instruments

  CD74HC7266 Datasheet HTML 1Page - Texas Instruments CD74HC7266 Datasheet HTML 2Page - Texas Instruments CD74HC7266 Datasheet HTML 3Page - Texas Instruments CD74HC7266 Datasheet HTML 4Page - Texas Instruments CD74HC7266 Datasheet HTML 5Page - Texas Instruments CD74HC7266 Datasheet HTML 6Page - Texas Instruments CD74HC7266 Datasheet HTML 7Page - Texas Instruments CD74HC7266 Datasheet HTML 8Page - Texas Instruments CD74HC7266 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS219D
Features
• Four Independent EXCLUSIVE NOR Gates
• Buffered Inputs and Outputs
• Logical Comparators
• Parity Generators and Checkers
• Adders/Subtracters
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
Description
The ’HC7266 contains four independent Exclusive NOR
gates in one package. They provide the system designer
with a means for implementation of the EXCLUSIVE NOR
function.
This device is functionally the same as the TTL226. They
differ in that the ’HC7266 has active high and low outputs
whereas the 226 has open collector outputs.
Pinout
CD54HC7266
(CERDIP)
CD74HC7266
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC7266F3A
-55 to 125
14 Ld CERDIP
CD74HC7266E
-55 to 125
14 Ld PDIP
CD74HC7266M
-55 to 125
14 Ld SOIC
CD74HC7266MT
-55 to 125
14 Ld SOIC
CD74HC7266M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
1A
1B
1Y
2Y
2A
2B
GND
VCC
4B
4A
4Y
3Y
3B
3A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC7266, CD74HC7266
High-Speed CMOS Logic
Quad 2-Input EXCLUSIVE NOR Gate
[ /Title
(CD74H
C7266)
/Subject
(High
Speed
CMOS
Logic
Quad 2-
Input
EXCLU-
SIVE


Numéro de pièce similaire - CD74HC7266

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC7266 TI-CD74HC7266 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD74HC7266 TI-CD74HC7266 Datasheet
264Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD74HC7266E TI-CD74HC7266E Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD74HC7266E TI-CD74HC7266E Datasheet
264Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD74HC7266EE4 TI-CD74HC7266EE4 Datasheet
264Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
More results

Description similaire - CD74HC7266

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC7266 TI-CD74HC7266 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD54HC7266 TI-CD54HC7266 Datasheet
264Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD54HC86 TI-CD54HC86 Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_07 Datasheet
414Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HC86 TI-CD74HC86 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
CD54HC86 TI-CD54HC86_08 Datasheet
443Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_03 Datasheet
35Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
   Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
   Quad 2-Input Exclusive NOR Gate
logo
Nexperia B.V. All right...
HEF4077B NEXPERIA-HEF4077B Datasheet
164Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
Rev. 6 - 14 March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com