Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX84-C22 Fiches technique(PDF) 1 Page - DAESAN ELECTRONIC CORP.

No de pièce BZX84-C22
Description  300mW SOT-23 ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAESAN [DAESAN ELECTRONIC CORP.]
Site Internet  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BZX84-C22 Fiches technique(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BZX84-C22 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BZX84-C22 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. BZX84-C22 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX84 SERIES
300mW SOT-23
ZENER DIODES
Features
Vz R ange 2.4 to 75V
Power Dis s ipation 300mW
F eatures
S ilicon P lanar Power Zener Diodes
T he Zener voltages are graded according to the
international E 24 standard. S tandard Zener voltage
tolerance is ±5%. R eplace "C " with "B " for ±2% tol-
erance. Other voltage tolerances and other Zener
voltages are available upon request.
Maximum R atings and T hermal C haracteris tics (TA = 25 unless otherwise noted)
Parameter
S ymbol
Value
Unit
Zener C urrent
IZM
250
mA
Power Dissipation at T amb = 25
P tot
300(1)
mW
T hermal R esistance J unction to Ambient Air
R JA
420(1)
/ W
J unction Temperature
T j
150
S torage Temperature R ange
T S
Notes : (1) Device on fiberglass substrate, see layout.
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top V iew
.102 (2.6)
.110 (2.8)
.094 (2.4)
S OT -23
Top V iew
Dimensions in inches
and (millimeters)
S ilicon E pitaxial P lanar Diode
· Fast switching diode in case S OT-23, especially
suited for automatic insertion.
Mechanical Data
C as e: S OT-23 P lastic Package
Weight: approx. 0.008g
·
·
·
Mounting P ad L ayout
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)
65 to +150
-


Numéro de pièce similaire - BZX84-C22

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX84-C22 PHILIPS-BZX84-C22 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84-C22 GE-BZX84-C22 Datasheet
396Kb / 9P
   Zener Diodes
logo
TRANSYS Electronics Lim...
BZX84-C22 TEL-BZX84-C22 Datasheet
50Kb / 3P
   SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZX84-C22 NXP-BZX84-C22 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-C22 NXP-BZX84-C22 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results

Description similaire - BZX84-C22

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
logo
UN Semiconducctor INC
BZX84BXX UNSEMI-BZX84BXX Datasheet
2Mb / 6P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX84CXX UNSEMI-BZX84CXX Datasheet
3Mb / 7P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
TAITRON Components Inco...
BZX84C2V4 TAITRON-BZX84C2V4 Datasheet
153Kb / 5P
   300mW Surface Mount Zener Diodes
logo
Zibo Seno Electronic En...
MM3Z2V0 ZSELEC-MM3Z2V0 Datasheet
290Kb / 3P
   300mW Silicon Planar Zener Diodes
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Surge Components
SMBZ5230 SURGE-SMBZ5230 Datasheet
75Kb / 3P
   SILICON PLANAR ZENER DIODES, 500mW, SOT-23 PACKAGE?
logo
Rectron Semiconductor
BAS40 RECTRON-BAS40 Datasheet
115Kb / 3P
   SOT-23 SCHOTTKY DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com