Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBL301 Fiches technique(PDF) 2 Page - DAESAN ELECTRONIC CORP.

No de pièce KBL301
Description  CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAESAN [DAESAN ELECTRONIC CORP.]
Site Internet  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBL301 Fiches technique(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KBL301 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBL301 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
1
2
3
4
5
20
40
60
80
100
120
140
T , C AS E T E MP E R AT UR E (ºC )
F ig. 1 F orward C urrent Derating C urve
C
S ingle P hase Half Wave
60 Hz R esistive or Inductive Load
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
P E R C E NT OF R AT E D P E AK R E V E R S E V OLTAG E (%)
F ig. 4 Typical R everse C haracteristics, per element
T = 100°C
C
T = 25°C
A
0
50
100
150
200
250
1
10
100
8.3ms S ingle Half S ine-W ave
J E DE C Method
NUMB E R OF C Y
C LE S
AT 60 Hz
F ig. 3 Max Non-R epetitive P eak F wd S urge C urrent
0.01
0.1
1.0
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INS TANTANE OUS F OR WAR D V OLTAG E (V )
F ig. 2 Typical F orward C haracteristics
F
T j = 25ºC
P ulse Width = 300 ms
2% Duty C ycle
10
RATING AND CHARACTERISTIC CURVES KBL3005 THRU KBL307


Numéro de pièce similaire - KBL301

FabricantNo de pièceFiches techniqueDescription
logo
SynSemi, Inc.
KBL SYNSEMI-KBL Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Continental Device Indi...
KBL CDIL-KBL Datasheet
149Kb / 3P
   KBL (4 Leads) In-line Leaded Package
logo
YENYO TECHNOLOGY Co., L...
KBL YENYO-KBL Datasheet
394Kb / 1P
   Dimensions in inches and
logo
Mini-Circuits
KBL-1.5FT-LOW MINI-KBL-1.5FT-LOW Datasheet
334Kb / 1P
   Armored Test Cable
KBL-1.5FT-LOW++ MINI-KBL-1.5FT-LOW+ Datasheet
334Kb / 1P
   Armored Test Cable
More results

Description similaire - KBL301

FabricantNo de pièceFiches techniqueDescription
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
S3A DAESAN-S3A Datasheet
336Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301G DAESAN-FR301G Datasheet
316Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
   Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
PACELEADER INDUSTRIAL
FR301 PACELEADER-FR301 Datasheet
469Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com