Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BSM50GD120DLC Fiches technique(PDF) 6 Page - eupec GmbH

No de pièce BSM50GD120DLC
Description  Technische Information / Technical Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUPEC [eupec GmbH]
Site Internet  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GD120DLC Fiches technique(HTML) 6 Page - eupec GmbH

  BSM50GD120DLC Datasheet HTML 1Page - eupec GmbH BSM50GD120DLC Datasheet HTML 2Page - eupec GmbH BSM50GD120DLC Datasheet HTML 3Page - eupec GmbH BSM50GD120DLC Datasheet HTML 4Page - eupec GmbH BSM50GD120DLC Datasheet HTML 5Page - eupec GmbH BSM50GD120DLC Datasheet HTML 6Page - eupec GmbH BSM50GD120DLC Datasheet HTML 7Page - eupec GmbH BSM50GD120DLC Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM50GD120DLC
IC [A]
RG [Ω
Ω]
0
2
4
6
8
10
12
14
16
18
0
102030405060708090
100
Eoff
Eon
Erec
Schaltverluste (typisch)
Eon = f (IC) , Eoff = f (IC) , Erec = f (IC)
Switching losses (typical) V
GE=15V, Rgon = Rgoff = 15 Ω
Ω, V
CE = 600V, T j = 125°C
0
4
8
12
16
20
24
28
0
20
40
60
80
100
120
140
Eoff
Eon
Erec
Schaltverluste (typisch)
Eon = f (RG) , Eoff = f (RG) , Erec = f (RG)
Switching losses (typical)
VGE=15V , IC = 50A , VCE = 600V , T j = 125°C
6(8)
Seriendatenblatt_BSM50GD120DLC.xls


Numéro de pièce similaire - BSM50GD120DLC

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BSM50GD120DN2 SIEMENS-BSM50GD120DN2 Datasheet
126Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2E3226 SIEMENS-BSM50GD120DN2E3226 Datasheet
132Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes Package with insulated metal base plate)
BSM50GD120DN2G SIEMENS-BSM50GD120DN2G Datasheet
182Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
More results

Description similaire - BSM50GD120DLC

FabricantNo de pièceFiches techniqueDescription
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
FD800R33KF2C-K EUPEC-FD800R33KF2C-K Datasheet
307Kb / 8P
   Technische Information / technical information
logo
Infineon Technologies A...
FZ800R12KL4C INFINEON-FZ800R12KL4C Datasheet
411Kb / 8P
   Technische Information / Technical Information
2013-10-02 revision:3.1
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
   Technische Information / Technical Information
2013-02-18 revision:3.1
DD400S45KL3_B5 INFINEON-DD400S45KL3_B5 Datasheet
610Kb / 7P
   Technische Information / Technical Information
2013-07-29 revision:3.0
logo
eupec GmbH
FS300R12KE3 EUPEC-FS300R12KE3 Datasheet
249Kb / 8P
   Technische Information / technical information
FF800R12KE3 EUPEC-FF800R12KE3 Datasheet
146Kb / 9P
   Technische Information / technical information
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com