Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC573 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74VHC573
Description  Octal D-Type Latch with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC573 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74VHC573_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC573_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC573_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC573_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC573_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC573_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC573_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC573_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC573_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
May 2007
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC573 Rev. 1.3
74VHC573
Octal D-Type Latch with 3-STATE Outputs
Features
High Speed: tPD = 5.0ns (Typ.) at VCC = 5V
High Noise Immunity: VNIH = VNIL = 28% VCC (Min.)
Power Down Protection is provided on all inputs
Low Noise: VOLP = 0.6V (Typ.)
Low Power Dissipation: ICC = 4µA (Max.) @ TA = 25°C
Pin and function compatible with 74HC573
General Description
The VHC573 is an advanced high speed CMOS octal
latch with 3-STATE output fabricated with silicon gate
CMOS technology. It achieves the high speed operation
similar to equivalent Bipolar Schottky TTL while main-
taining the CMOS low power dissipation. This 8-bit
D-type latch is controlled by a latch enable input (LE)
and an Output Enable input (OE). When the OE input is
HIGH, the eight outputs are in a high impedance state.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back
up. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number. Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Description
Order Number
Package
Number
Package Description
74VHC573M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHC573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs


Numéro de pièce similaire - 74VHC573_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
74VHC573FT TOSHIBA-74VHC573FT Datasheet
175Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
logo
STMicroelectronics
74VHC573M STMICROELECTRONICS-74VHC573M Datasheet
289Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHC573M FAIRCHILD-74VHC573M Datasheet
104Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573M FAIRCHILD-74VHC573M Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC573M ONSEMI-74VHC573M Datasheet
252Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
More results

Description similaire - 74VHC573_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com