Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6713ATR Fiches technique(PDF) 11 Page - Holtek Semiconductor Inc

No de pièce L6713ATR
Description  2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

L6713ATR Fiches technique(HTML) 11 Page - Holtek Semiconductor Inc

Back Button L6713ATR Datasheet HTML 7Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 8Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 9Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 10Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 11Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 12Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 13Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 14Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
L6713A
Pin settings
11/64
56
VCCDR2
Channel 2 LS Driver Supply.
It must be connected to others VCCDRx pins also when using 2-Phase
Operation.
LS Driver supply can range from 5Vbus up to 12Vbus, filter with 1µF MLCC cap
vs. PGND2.
57
VCCDR3
Channel 3 LS Driver Supply.
It must be connected to others VCCDRx pins.
LS Driver supply can range from 5Vbus up to 12Vbus, filter with 1µF MLCC cap
vs. PGND3.
58
LGATE3
Channel 3 LS Driver Output.A small series resistor helps in reducing device-
dissipated power.
59
PGND3
Channel 3 LS Driver return path. Connect to Power ground Plane.
60
PGND1
Channel 1 LS Driver return path. Connect to Power ground Plane.
61
LGATE1
Channel 1 LS Driver Output.A small series resistor helps in reducing device-
dissipated power.
62
VCCDR1
Channel 1 LS Driver Supply.
It must be connected to others VCCDRx pins.
LS Driver supply can range from 5Vbus up to 12Vbus, filter with 1µF MLCC cap
vs. PGND1.
63
PHASE1
Channel 1 HS driver return path.
It must be connected to the HS1 MOSFET source and provides return path for
the HS driver of channel 1.
64
N.C.
Not internally connected.
PAD
THERMAL
PAD
Thermal pad connects the Silicon substrate and makes good thermal contact
with the PCB to dissipate the power necessary to drive the external MOSFETs.
Connect to the PGND plane with several VIAs to improve thermal conductivity.
Table 1. Pin description
Pin
Function


Numéro de pièce similaire - L6713ATR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6713ATR STMICROELECTRONICS-L6713ATR Datasheet
804Kb / 64P
   2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
August 2008 Rev 3
More results

Description similaire - L6713ATR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6713A STMICROELECTRONICS-L6713A Datasheet
804Kb / 64P
   2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
August 2008 Rev 3
L6714 STMICROELECTRONICS-L6714 Datasheet
677Kb / 70P
   4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com