Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AVCA406EGXYR Fiches technique(PDF) 8 Page - Texas Instruments |
|
SN74AVCA406EGXYR Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 22 page www.ti.com RECOMMENDED OPERATING CONDITIONS (1) (2) (3) SN74AVCA406E MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER SCES659B – OCTOBER 2007 – REVISED DECEMBER 2007 VCCI VCCO MIN MAX UNIT VCCA Supply voltage 1.2 3.6 V VCCB Supply voltage 1.2 3.6 V 1.2 V to 1.95 V VCCI x 0.65 VIH High-level input voltage All inputs(4) 1.95 V to 2.7 V 1.7 V 2.7 V to 3.6 V 2 1.2 V to 1.95 V VCCI x 0.35 VIL Low-level input voltage All inputs(4) 1.95 V to 2.7 V 0.7 V 2.7 V to 3.6 V 0.8 VI Input voltage Control inputs 0 3.6 V Active state 0 VCCO VI/O Input/output voltage V 3-state 0 3.6 1.2 V -1 1.4 V to 1.6 V –1 IOH High-level output current (A port) 1.65 V to 1.95 V –2 mA 2.3 V to 2.7 V –4 3 V to 3.6 V –8 1.2 V 1 1.4 V to 1.6 V 1 IOL Low-level output current (A port) 1.65 V to 1.95 V 2 mA 2.3 V to 2.7 V 4 3 V to 3.6 V 8 1.2 V -1 1.4 V to 1.6 V –2 IOH High-level output current (B port) 1.65 V to 1.95 V –4 mA 2.3 V to 2.7 V –8 3 V to 3.6 V –16 1.2 V 1 1.4 V to 1.6 V 2 IOL Low-level output current (B port) 1.65 V to 1.95 V 4 mA 2.3 V to 2.7 V 8 3 V to 3.6 V 16 Δt/Δv Input transition rise or fall rate 5 ns/V TA Operating free-air temperature –40 85 °C (1) VCCI is the VCC associated with the input port. (2) VCCO is the VCC associated with the output port. (3) All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. (4) CMD-dir, DAT0-dir, and DAT123-dir are referenced to VCCA. 8 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): SN74AVCA406E |
Numéro de pièce similaire - SN74AVCA406EGXYR |
|
Description similaire - SN74AVCA406EGXYR |