Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSA670 Fiches technique(PDF) 8 Page - OSRAM GmbH

No de pièce LSA670
Description  Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSA670 Fiches technique(HTML) 8 Page - OSRAM GmbH

Back Button LSA670 Datasheet HTML 4Page - OSRAM GmbH LSA670 Datasheet HTML 5Page - OSRAM GmbH LSA670 Datasheet HTML 6Page - OSRAM GmbH LSA670 Datasheet HTML 7Page - OSRAM GmbH LSA670 Datasheet HTML 8Page - OSRAM GmbH LSA670 Datasheet HTML 9Page - OSRAM GmbH LSA670 Datasheet HTML 10Page - OSRAM GmbH LSA670 Datasheet HTML 11Page - OSRAM GmbH LSA670 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LS A670, LO A670, LY A670, LG A670, LP A670
2006-10-04
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
T
OHL00962
0
F
I
0
20
40
60
80 C 100
mA
10
20
30
40
T
A
T
S
temp. ambient
temp. solder point
Τ
A
Τ
S
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
I
T
T
P
F
t
P
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
I
F
t
2
10
0.1
p
10 3
mA


Numéro de pièce similaire - LSA670

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
   SIDELED
LSA670-HL SIEMENS-LSA670-HL Datasheet
61Kb / 8P
   SIDELED
LSA670-J SIEMENS-LSA670-J Datasheet
61Kb / 8P
   SIDELED
LSA670-JM SIEMENS-LSA670-JM Datasheet
61Kb / 8P
   SIDELED
LSA670-K SIEMENS-LSA670-K Datasheet
61Kb / 8P
   SIDELED
More results

Description similaire - LSA670

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com