Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72F623F2B1 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ST72F623F2B1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F623F2B1 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ST72F623F2B1 Datasheet HTML 5Page - STMicroelectronics ST72F623F2B1 Datasheet HTML 6Page - STMicroelectronics ST72F623F2B1 Datasheet HTML 7Page - STMicroelectronics ST72F623F2B1 Datasheet HTML 8Page - STMicroelectronics ST72F623F2B1 Datasheet HTML 9Page - STMicroelectronics ST72F623F2B1 Datasheet HTML 10Page - STMicroelectronics ST72F623F2B1 Datasheet HTML 11Page - STMicroelectronics ST72F623F2B1 Datasheet HTML 12Page - STMicroelectronics ST72F623F2B1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
ST7262
9/139
18 22
9
8
14 19
PB6/PWM0/IT7/
ICCDATA
I/O CT HS x
\
x
Port B6
ART PWM output 0/
Interrupt 7 input/In-
Circuit Communica-
tion Data
19 23 10
9
15 20
PB5/ARTIC2/IT6/
ICCCLK
I/O CT HS x
/
x
Port B5
ART Input Capture 2/
Interrupt 6 input/
In-Circuit Communi-
cation Clock
20 24 11 10 16
1
PB4/ARTIC1/IT5
I/O CT HS x
/
x
Port B4
ART Input Capture
1/Interrupt 5 input
21 25 12 11 17
2
PB3/ARTCLK
I/O CT HS x
x
Port B3
ART Clock input
22 26 13 12 18
3
PB2/TDO
I/O CT HS x
x
Port B2
SCI Transmit Data
Output 1)
23 27 14 13 19
4
PB1/RDI
I/O CT HS x
x
Port B1
SCI Receive Data
Input 1)
24 28 15 14 20
5
PB0/MCO
I/O CT HS x
x
Port B0
CPU clock output
25 29 16 15
-
-
PA7/AIN7
I/O CT
xx
x
Port A7
ADC Analog Input 7
26 30 17 16
-
-
PA6/AIN6
I/O CT
xx
x
Port A6
ADC Analog Input 6
27 31 18 17
-
-
PA5/AIN5
I/O CT
xx
x
Port A5
ADC Analog Input 5
28 32 19 18
-
-
PA4/AIN4
I/O CT
xx
x
Port A4
ADC Analog Input 4
29 33 20 19
-
-
PA3/AIN3/IT4
I/O CT
x\
x
x
Port A3
ADC Analog Input 3/
Interrupt 4 input
30 34 21 20
1
6
PA2/AIN2/IT3
I/O CT
x\
x
x
Port A2
ADC Analog Input 2/
Interrupt 3 input
31 35 22 21
2
7
PA1/AIN1/IT2
I/O CT
x\
x
x
Port A1
ADC Analog Input 1/
Interrupt 2 input
32 36 23 22
3
8
PA0/AIN0/IT1/
USBOE
I/O CT
x\
x
x
Port A0
ADC Analog Input 0/
Interrupt 1 input/
USB Output Enable
33 37 30 29 10 15 RESET
I/O
C
Top priority non maskable inter-
rupt (active low)
34 38 24 23
-
-
VSSA
S
Analog Ground Voltage, must
be connected externally to VSS.
35 39 25 24
5
10 USBDM
I/O
USB bidirectional data (data -)
36 40 26 25
6
11 USBDP
I/O
USB bidirectional data (data +)
37 41 27 26
7
12 USBVCC
S
USB power supply 3.3V output
38 42 28 27
-
-
VDDA
S
Analog Power Supply Voltage,
must be connected externally to
VDD.
39
-
-
-
-
-
Reserved
Must be left unconnected.
40
1
-
-
-
-
PD6
I/O CT
xx
Port D6
41
2
-
-
-
-
PD5
I/O CT
xx
Port D5
42
3
-
-
-
-
PD4
I/O CT
xx
Port D4
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output


Numéro de pièce similaire - ST72F623F2B1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST72F623F2B1 STMICROELECTRONICS-ST72F623F2B1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
June 2003 Rev. 2.2
More results

Description similaire - ST72F623F2B1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
June 2003 Rev. 2.2
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
June 2003 Rev. 2.1
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com