Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL031CDE4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TL031CDE4
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL031CDE4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TL031CDE4 Datasheet HTML 4Page - Texas Instruments TL031CDE4 Datasheet HTML 5Page - Texas Instruments TL031CDE4 Datasheet HTML 6Page - Texas Instruments TL031CDE4 Datasheet HTML 7Page - Texas Instruments TL031CDE4 Datasheet HTML 8Page - Texas Instruments TL031CDE4 Datasheet HTML 9Page - Texas Instruments TL031CDE4 Datasheet HTML 10Page - Texas Instruments TL031CDE4 Datasheet HTML 11Page - Texas Instruments TL031CDE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TL031I and TL031AI electrical characteristics at specified free-air temperature
TL031I, TL031AI
PARAMETER
TEST CONDITIONS
TA
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
TL031I
25
°C
0.54
3.5
0.5
1.5
VIO
Input offset voltage
VO = 0,
VIC 0
TL031I
Full range†
5.3
3.3
mV
VIO
Input offset voltage
VIC = 0,
RS = 50 Ω
TL031AI
25
°C
0.41
2.8
0.34
0.8
mV
RS = 50 Ω
TL031AI
Full range†
4.6
2.6
TL031I
25
°C to
65
62
a
V
Temperature coefficient
of
VO = 0,
VIC 0
TL031I
85
°C
6.5
6.2
µV/°C
a
V
IO
of
input offset voltage
VIC = 0,
RS = 50 Ω
TL031AI
25
°C to
65
62
25
µV/°C
in ut offset voltage
RS = 50 Ω
TL031AI
85
°C
6.5
6.2
25
Input offset voltage
VO = 0,
VIC 0
25
°C
004
004
µV/mo
g
long-term drift‡
VIC = 0,
RS = 50 Ω
25
°C
0.04
0.04
µV/mo
IIO
Input offset current
VO = 0, VIC = 0
25
°C
1
100
1
100
pA
IIO
Input offset current
O
,
IC
See Figure 5
85
°C
0.02
0.45
0.02
0.45
nA
IIB
Input bias current
VO = 0, VIC = 0
25
°C
2
200
2
200
pA
IIB
Input bias current
O
,
IC
See Figure 5
85
°C
0.2
0.9
0.2
0.9
nA
VICR
Common-mode input
25
°C
–1.5
to 4
–3.4
to 5.4
–11.5
to 14
–13.4
to 15.4
V
VICR
voltage range
Full range†
–1.5
to 4
–11.5
to 14
V
M
i
iti
k
25
°C
3
4.3
13
14
VOM+
Maximum positive peak
output voltage swing
RL = 10 kΩ
–40
°C
3
4.1
13
14
V
out ut voltage swing
85
°C
3
4.4
13
14
M
i
ti
k
25
°C
–3
–4.2
–12.5
–13.9
VOM–
Maximum negative peak
output voltage swing
RL = 10 kΩ
–40
°C
–3
–4.1
–12.5
–13.8
V
out ut voltage swing
85
°C
–3
–4.2
–12.5
–14
L
i
l diff
ti l
25
°C
4
12
5
14.3
AVD
Large-signal differential
voltage amplification§
RL = 10 kΩ
–40
°C
3
8.4
4
11.6
V/mV
voltage am lification§
85
°C
4
13.5
5
15.3
ri
Input resistance
25
°C
1012
1012
ci
Input capacitance
25
°C
5
4
pF
Cd
VV
i
25
°C
70
87
75
94
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
VO =0 RS =50 Ω
–40
°C
70
87
75
94
dB
rejection ratio
VO = 0, RS = 50 Ω
85
°C
70
87
75
94
Supply-voltage
25
°C
75
96
75
96
kSVR
Su
ly voltage
rejection ratio
( V
/ V)
VO = 0,
RS = 50 Ω
–40
°C
75
96
75
96
dB
(
∆VCC±/∆VIO)
85
°C
75
96
75
96
† Full range is –40
°C to 85°C.
‡ Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
§ At VCC± = ±5 V, VO = ±2.3 V; at VCC± = ±15 V, VO = ±10 V


Numéro de pièce similaire - TL031CDE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL031CDE4 TI1-TL031CDE4 Datasheet
1Mb / 72P
[Old version datasheet]   ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
More results

Description similaire - TL031CDE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL03X TI-TL03X Datasheet
1Mb / 63P
[Old version datasheet]   ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL031 TI1-TL031 Datasheet
1Mb / 72P
[Old version datasheet]   ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05X TI-TL05X Datasheet
1,022Kb / 65P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL05XA TI-TL05XA Datasheet
1Mb / 63P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05X TI-TL05X_07 Datasheet
1Mb / 68P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI1-TL03X_15 Datasheet
2Mb / 74P
[Old version datasheet]   ENHANCED-JFET LOW-POWER LOW-OFFSET
TL05X TI1-TL05X_14 Datasheet
1Mb / 67P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com