Moteur de recherche de fiches techniques de composants électroniques |
|
TL031MFK Fiches technique(PDF) 3 Page - Texas Instruments |
|
TL031MFK Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 68 page TL03x, TL03xA ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOMAX AT 25 °C SMALL OUTLINE (D) CHIP CARRIER (FK) CERAMIC DIP (J) CERAMIC DIP (JG) PLASTIC DIP (N) PLASTIC DIP (P) TSSOP (PW) 0.8 mV TL031ACD TL032ACD — — — — TL031ACP TL032ACP — 0 °C to 70°C 1.5 mV TL031CD TL032CD TL034ACD — — — TL034ACN TL031CP TL032CP — 4 mV TL034CD — — — TL034CN — TL034CPW 0.8 mV TL031AID TL032AID — — — — TL031AIP TL032AIP — –40 °C to 85°C 1.5 mV TL031ID TL032ID TL034AID — — — TL034AIN TL031IP TL032IP — 4 mV TL034ID — — — TL034IN — — 0.8 mV TL031AMD TL032AMD TL031AMFK TL032AMFK — TL031AMJG TL032AMJG — TL031AMP TL032AMP — –55 °C to 125°C 1.5 mV TL031MD TL032MD TL034AMD TL031MFK TL032MFK TL034AMFK TL034AMJ TL031MJG TL032MJG TL034AMN TL031MP TL032MP — 4 mV TL034MD TL034MFK TL034MJ — TL034MN — — The D and PW packages are available taped and reeled and are indicated by adding an R suffix to device type (e.g., TL034CDR or TL034CPWR). |
Numéro de pièce similaire - TL031MFK |
|
Description similaire - TL031MFK |