Moteur de recherche de fiches techniques de composants électroniques |
|
TL507CP Fiches technique(PDF) 4 Page - Texas Instruments |
|
TL507CP Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 8 page TL507C, TL507l ANALOG-TO-DIGITAL CONVERTER SLAS041 – OCTOBER 1979 – REVISED OCTOBER 1988 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 output section PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT IOH High-level output current VOH = 18 V 0.1 100 µA IOL Low-level output current VOL = 5.5 V 5 10 15 mA VOL Low-level output voltage IOL = 1.6 mA 80 400 mV operating characteristics over recommended operating free-air temperature range, VCC1 = VCC2 = 5.12 V PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT Overall error ±80 mV Differential nonlinearity See Figure 1 ±20 mV Zero error‡ Binary count = 0 ±80 mV Scale error Binary count =127 ±80 mV Full scale input voltage‡ Binary count = 127 3.74 3.82 3.9 V Propagation delay time from RESET or ENABLE 2 µs † All typical values are at TA = 25°C. ‡ These parameters are linear functions of VCC1. definitions zero error The absolute value of the difference between the actual analog voltage at the 01H-to-00H transition and the ideal analog voltage at that transition. overall error The magnitude of the deviation from a straight line between the endpoints of the transfer function. differential nonlinearity The maximum deviation of an analog-value change associated with a 1-bit code change (1 clock pulse) from its theoretical value of 1 LSB. |
Numéro de pièce similaire - TL507CP |
|
Description similaire - TL507CP |