Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ241T Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce 74LVQ241T
Description  LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ241T Fiches technique(HTML) 1 Page - STMicroelectronics

  74LVQ241T Datasheet HTML 1Page - STMicroelectronics 74LVQ241T Datasheet HTML 2Page - STMicroelectronics 74LVQ241T Datasheet HTML 3Page - STMicroelectronics 74LVQ241T Datasheet HTML 4Page - STMicroelectronics 74LVQ241T Datasheet HTML 5Page - STMicroelectronics 74LVQ241T Datasheet HTML 6Page - STMicroelectronics 74LVQ241T Datasheet HTML 7Page - STMicroelectronics 74LVQ241T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVQ241
LOW VOLTAGE OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (NON INVERTED)
®
February 1999
ORDER CODES :
74LVQ241M
74LVQ241T
M
(Micro Package)
s
HIGH SPEED:
tPD = 6 ns (TYP.) at VCC =3.3V
s
COMPATIBLEWITH TTL OUTPUT
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
LOW NOISE:
VOLP = 0.4V (TYP.) at VCC = 3.3V
s
75
Ω TRANSMISSION LINE OUTPUT DRIVE
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 12 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 3.6V (1.2VData Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 241
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ241 is a low voltage CMOS OCTAL BUS
BUFFER fabricated with sub-micron silicon gate
and
double-layer
metal
wiring
C
2MOS
technology. It is ideal for low power and low noise
T
(TSSOP Package)
3.3V applications.
It has better speed performance at 3.3V than 5V
LSTTL family combined with the true CMOS low
power consumption.
G and G output controls govern four BUS
BUFFERs.
This device is designed to be used with 3 state
memory address drivers, etc.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
1/8


Numéro de pièce similaire - 74LVQ241T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVQ241TTR STMICROELECTRONICS-74LVQ241TTR Datasheet
256Kb / 12P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
More results

Description similaire - 74LVQ241T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
February 1999
74LVQ244 STMICROELECTRONICS-74LVQ244_04 Datasheet
256Kb / 12P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74LVQ241 STMICROELECTRONICS-74LVQ241_04 Datasheet
256Kb / 12P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com